Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP.A Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LBC173AMDREP.A
Description  SN65LBC173A-EP Quadruple RS-485 Differential Line Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC173AMDREP.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LBC173AMDREP.A Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 9Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 10Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 11Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 12Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 13Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 14Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
SN65LBC173A-EP
www.ti.com
SLLSEH1 – NOVEMBER 2016
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 Device Functional Modes
The receivers implemented in these RS-485 device can be configured using the G and G logic pins to be
enabled or disabled. This allows users to ignore or filter out transmissions as desired.
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
(off), ? = indeterminate
Table 1. Function Table(1)
INPUT
ENABLES
OUTPUT
A - B (VID)
G
G
Y
VID ≤ −0.2 V
H
X
L
X
L
−0.2 V < VID < -0.01 V
H
X
?
X
L
−0.01 V ≤ VID
H
X
H
X
L
X
L
H
Z
OPEN
OPEN
Short circuit
H
X
H
X
L
Open circuit
H
X
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com