Electronic Components Datasheet Search
  English  ▼

X  

S25FL128SDPMFIF Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S25FL128SDPMFIF
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPMFIF Datasheet(HTML) 4 Page - Cypress Semiconductor

  S25FL128SDPMFIF Datasheet HTML 1Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 2Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 3Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 4Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 5Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 6Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 7Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 8Page - Cypress Semiconductor S25FL128SDPMFIF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 3 of 148
S25FL128S/S25FL256S
Contents
1.
Overview
....................................................................... 4
1.1 General Description ....................................................... 4
1.2 Migration Notes.............................................................. 5
1.3 Glossary......................................................................... 7
1.4 Other Resources............................................................ 7
Hardware Interface
2.
Signal Descriptions
..................................................... 8
2.1 Input/Output Summary................................................... 8
2.2 Address and Data Configuration.................................... 9
2.3 RESET# ......................................................................... 9
2.4 Serial Clock (SCK) ......................................................... 9
2.5 Chip Select (CS#) .......................................................... 9
2.6 Serial Input (SI) / IO0 ................................................... 10
2.7 Serial Output (SO) / IO1............................................... 10
2.8 Write Protect (WP#) / IO2 ............................................ 10
2.9 Hold (HOLD#) / IO3 ..................................................... 10
2.10 Core Voltage Supply (VCC) .......................................... 11
2.11 Versatile I/O Power Supply (VIO) ................................. 11
2.12 Supply and Signal Ground (VSS) ................................. 11
2.13 Not Connected (NC) .................................................... 11
2.14 Reserved for Future Use (RFU)................................... 11
2.15 Do Not Use (DNU) ....................................................... 11
2.16 Block Diagrams............................................................ 12
3.
Signal Protocols
......................................................... 13
3.1 SPI Clock Modes ......................................................... 13
3.2 Command Protocol ...................................................... 14
3.3 Interface States............................................................ 18
3.4 Configuration Register Effects on the Interface ........... 22
3.5 Data Protection ............................................................ 22
4.
Electrical Specifications
............................................ 23
4.1 Absolute Maximum Ratings ......................................... 23
4.2 Thermal Resistance ..................................................... 23
4.3 Operating Ranges........................................................ 23
4.4 Power-Up and Power-Down ........................................ 25
4.5 DC Characteristics ....................................................... 26
5.
Timing Specifications
................................................ 28
5.1 Key to Switching Waveforms ....................................... 28
5.2 AC Test Conditions ...................................................... 28
5.3 Reset............................................................................ 29
5.4 SDR AC Characteristics............................................... 31
5.5 DDR AC Characteristics .............................................. 35
6.
Physical Interface
...................................................... 37
6.1 SOIC 16-Lead Package ............................................... 37
6.2 WSON Package........................................................... 39
6.3 FAB024 24-Ball BGA Package .................................... 40
6.4 FAC024 24-Ball BGA Package .................................... 42
Software Interface
7.
Address Space Maps
.................................................. 44
7.1 Overview....................................................................... 44
7.2 Flash Memory Array...................................................... 44
7.3 ID-CFI Address Space.................................................. 46
7.4 OTP Address Space ..................................................... 46
7.5 Registers....................................................................... 48
8.
Data Protection
........................................................... 58
8.1 Secure Silicon Region (OTP)........................................ 58
8.2 Write Enable Command................................................ 58
8.3 Block Protection............................................................ 59
8.4 Advanced Sector Protection ......................................... 60
9.
Commands
.................................................................. 64
9.1 Command Set Summary............................................... 65
9.2 Identification Commands .............................................. 71
9.3 Register Access Commands......................................... 73
9.4 Read Memory Array Commands .................................. 84
9.5 Program Flash Array Commands ............................... 100
9.6 Erase Flash Array Commands.................................... 106
9.7 One Time Program Array Commands ........................ 111
9.8 Advanced Sector Protection Commands.................... 112
9.9 Reset Commands ....................................................... 118
9.10 Embedded Algorithm Performance Tables ................. 119
10.
Data Integrity
............................................................. 121
10.1 Erase Endurance ........................................................ 121
10.2 Data Retention............................................................ 121
11.
Software Interface Reference
.................................. 122
11.1 Command Summary................................................... 122
11.2 Device ID and Common Flash Interface
(ID-CFI) Address Map................................................. 124
11.3 Device ID and Common Flash Interface
(ID-CFI) ASO Map — Automotive Only ...................... 137
11.4 Registers..................................................................... 137
11.5 Initial Delivery State .................................................... 140
12.
Ordering Information
................................................ 141
13.
Contacting Cypress
.................................................. 143
14.
Revision History
........................................................ 144
Sales, Solutions, and Legal Information ........................ 148
Worldwide Sales and Design Support ......................... 148
Products ...................................................................... 148
PSoC® Solutions ........................................................ 148
Cypress Developer Community ................................... 148
Technical Support ....................................................... 148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com