Electronic Components Datasheet Search
  English  ▼

X  

PL133-37 Datasheet(PDF) 2 Page - Microchip Technology

Part # PL133-37
Description  Low-Power, 1.62V to 3.63V, 1 MHz to 150 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-37 Datasheet(HTML) 2 Page - Microchip Technology

  PL133-37 Datasheet HTML 1Page - Microchip Technology PL133-37 Datasheet HTML 2Page - Microchip Technology PL133-37 Datasheet HTML 3Page - Microchip Technology PL133-37 Datasheet HTML 4Page - Microchip Technology PL133-37 Datasheet HTML 5Page - Microchip Technology PL133-37 Datasheet HTML 6Page - Microchip Technology PL133-37 Datasheet HTML 7Page - Microchip Technology PL133-37 Datasheet HTML 8Page - Microchip Technology PL133-37 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PL133-37
DS20006403A-page 2
 2020 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ................................................................................................................................ –0.5V to +4.6V
DC Input Voltage (VI) ........................................................................................................................–0.5V to VDD + 0.5V
DC Output Voltage (VO) ....................................................................................................................–0.5V to VDD + 0.5V
Storage Temperature (TS) ......................................................................................................................–65°C to +150°C
Ambient Operating Temperature (Note 1) ................................................................................................–40°C to +85°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Note 1: Operating temperature is guaranteed by design. Parts are tested to commercial grade only.
AC SPECIFICATIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Frequency
fIN
1
—
150
MHz
2.5V and 3.3V operation
1
—
100
MHz
1.8V operation
Input Signal Amplitude
fIN
0.8
—
VDD
VPP
Internally AC-coupled, ≤150 MHz,
VDD = 2.5V and 3.3V
0.5
—
VDD
VPP
Internally AC-coupled, ≤100 MHz,
All VDDs
0.1
—
VDD
VPP
Internally AC-coupled, 3.3V
≤50 MHz, 2.5V ≤40 MHz, 1.8V
≤15 MHz,
Output Enable Time
tEN
—
—
10
ns
OE function, TA = +25°C, 15 pF
load
Output Rise Time
tr
—
2
3
ns
15 pF load, 10/90% VDD, 3.3V
Output Fall Time
tf
—
2
3
ns
15 pF load, 10/90% VDD, 3.3V
Duty Cycle
—
45
50
55
%
Input duty cycle is 50%
Output-to-Output Skew
tOOSK
—
—
250
ps
All outputs equally loaded
DC SPECIFICATIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Current, Dynamic
IDD
—1.2
—
mA
VDD = 3.3V, 25 MHz, no load
—0.9
—
mA
VDD = 2.5V, 25 MHz, no load
—0.6
—
mA
VDD = 1.8V, 25 MHz, no load
Supply Current, Standby
IDD_SB
—
0.3
—
mA
OE pin pulled low, VDD = 3.3V
Operating Voltage
VDD
1.62
—
3.63
V
—
Output Low Voltage
VOL
——
0.4
V
IOL = 12 mA, VDD = 3.3V
Output High Voltage
VOH
2.4
—
—
V
IOL = –12 mA, VDD = 3.3V
Output Current
IOSD
12
—
—
ma
VOL = 0.4V, VOH = 2.4V, VDD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com