Electronic Components Datasheet Search
  English  ▼

X  

PL133-37 Datasheet(PDF) 5 Page - Microchip Technology

Part # PL133-37
Description  Low-Power, 1.62V to 3.63V, 1 MHz to 150 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-37 Datasheet(HTML) 5 Page - Microchip Technology

  PL133-37 Datasheet HTML 1Page - Microchip Technology PL133-37 Datasheet HTML 2Page - Microchip Technology PL133-37 Datasheet HTML 3Page - Microchip Technology PL133-37 Datasheet HTML 4Page - Microchip Technology PL133-37 Datasheet HTML 5Page - Microchip Technology PL133-37 Datasheet HTML 6Page - Microchip Technology PL133-37 Datasheet HTML 7Page - Microchip Technology PL133-37 Datasheet HTML 8Page - Microchip Technology PL133-37 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2020 Microchip Technology Inc.
DS20006403A-page 5
PL133-37
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
6-Lead SOT23*
Example
XXX
NNN
H37
098
Note: Industrial temperature versions of this part contain a
capital letter “I” after the alphanumerical traceability
code.
Legend: XX...X
Product code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com