Electronic Components Datasheet Search
  English  ▼

X  

PM2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PM2 Datasheet HTML 1Page - Panasonic Semiconductor PM2 Datasheet HTML 2Page - Panasonic Semiconductor PM2 Datasheet HTML 3Page - Panasonic Semiconductor PM2 Datasheet HTML 4Page - Panasonic Semiconductor PM2 Datasheet HTML 5Page - Panasonic Semiconductor PM2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Convergent Reflective Micro Photoelectric Sensor
PM2 SERIES
412
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM2
ORDER GUIDE
Type
Appearance
Sensing range
Model No.
Output
Output
operation
2.5 to 8 mm
0.098 to 0.315 in
(Convergent point: 5 mm 0.197 in)
PM2-LH10
NPN open-collector transistor
Light-ON
PM2-LH10B
Dark-ON
PM2-LF10
Light-ON
PM2-LF10B
Dark-ON
PM2-LL10
Light-ON
PM2-LL10B
Dark-ON
PM2-LH10-C1
Light-ON
PM2-LH10B-C1
Dark-ON
PM2-LF10-C1
Light-ON
PM2-LF10B-C1
Dark-ON
PM2-LL10-C1
Light-ON
PM2-LL10B-C1
Dark-ON
APPLICATIONS
Sensing capacitors in a tray
OPTIONS
Designation
Model No.
Description
Connector
CN-13
Dedicated connector
Connector
attached cable
CN-13-C1
0.2 mm2 3-core cabtyre cable, 1 m 3.281 ft long
CN-13-C3
0.2 mm2 3-core cabtyre cable, 3 m 9.843 ft long
Connector
• CN-13
Connector attached cable
• CN-13-C1
• CN-13-C3
Positioning and passage confirmation
of a printed circuit board



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com