Electronic Components Datasheet Search
  English  ▼

X  

PM2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PM2 Datasheet HTML 1Page - Panasonic Semiconductor PM2 Datasheet HTML 2Page - Panasonic Semiconductor PM2 Datasheet HTML 3Page - Panasonic Semiconductor PM2 Datasheet HTML 4Page - Panasonic Semiconductor PM2 Datasheet HTML 5Page - Panasonic Semiconductor PM2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
413 ConvergentReflectiveMicroPhotoelectricSensorPM2SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM2
Color code of cable type
and connector attached cable
Brown
Black
Blue
Output
+V
0 V
Load
+
–
5 to 24 V DC
±10 %
Type
Connector type
Cable type
Top sensing
Front sensing
L type (Top sensing)
Top sensing
Front sensing
L type (Top sensing)
Light-ON
PM2-LH10
PM2-LF10
PM2-LL10
PM2-LH10-C1
PM2-LF10-C1
PM2-LL10-C1
Item
Dark-ON
PM2-LH10B
PM2-LF10B
PM2-LL10B
PM2-LH10B-C1 PM2-LF10B-C1 PM2-LL10B-C1
CE marking directive compliance
EMC Directive, RoHS Directive
Sensing range
2.5 to 8 mm 0.098 to 0.315 in (Conv. point: 5 mm 0.197 in) with white non-glossy paper (15 × 15 mm 0.591 × 0.591 in) (Note 2)
Min. sensing object
ø0.05 mm ø0.002 in copper wire (Setting distance: 5 mm 0.197 in)
Hysteresis
20 % or less of operation distance with white non-glossy paper (15 × 15 mm 0.591 × 0.591 in)
Repeatability (perpendicular to sensing axis)
0.08 mm 0.003 in or less (Note 3)
Supply voltage
5 to 24 V DC ±10 % Ripple P-P 5 % or less
Current consumption
Average: 25 mA or less, Peak: 80 mA or less
Output
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1 V or less (at 100 mA sink current)
0.4 V or less (at 16 mA sink current)
Utilization category
DC-12 or DC-13
Overcurrent protection
Incorporated
Response time
0.8 ms or less
Operation indicator
Red LED (lights up when the output is ON)
Pollution degree
3 (Industrial environment)
Ambient temperature
–10 to +55 °C +14 to +131 °F (No dew condensation or icing allowed), Storage: –25 to +80 °C –13 to +176 °F
Ambient humidity
45 to 85 % RH, Storage: 45 to 85 % RH
Ambient illuminance
Incandescent light: 3,500 ℓx or less at the light-receiving face
Vibration resistance
10 to 55 Hz frequency, 1.5 mm 0.059 in double amplitude in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions three times each
Emitting element
Infrared LED (Peak emission wavelength: 880 nm 0.035 mil, modulated)
Material
Enclosure: Polycarbonate, Terminal part: Copper alloy (Ag plated)
Enclosure: Polycarbonate, Fixed cable part: PBT
Cable
–
0.2 mm2 3-core cabtyre cable, 1 m 3.281 ft long (Note 4)
Wiring length
Total length up to 2 m 6.562 ft is possible with 0.3 mm2, or more, cable.
If the cable is extended for 2 m 6.562 ft, or more, a capacitor
of 10 µF must be connected between +V and 0 V terminals.
–
Weight
Net weight: 4.5 g approx.
Gross weight: 85 g approx.
(10 pcs. package)
Net weight: 4 g approx.
Gross weight: 80 g approx.
(10 pcs. package)
Net weight: 25 g approx
Gross weight: 330 g approx
(10 pcs. package)
SPECIFICATIONS
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The sensing range may extend up to 12.5 mm 0.492 in with white non-glossy paper due to product variation.
3) The repeatability is specified for white non-glossy paper (15 × 15 mm 0.591 × 0.591 in) at a setting distance of 5 mm 0.197 in.
4) Cable cannot be extended.
I/O CIRCUIT AND WIRING DIAGRAMS
I/O circuit diagram
Color code of cable type and connector attached cable
Users‚ circuit
Internal circuit
(Brown) +V
100 mA max.
Load
(Black) Output
(Blue) 0 V
+
–
5 to 24 V DC
±10 %
Tr
ZD
Note: Make sure to connect terminals correctly as the sensor does not
incorporate a reverse polarity protection circuit.
Note: Make sure to connect terminals correctly as the sensor does not
incorporate a reverse polarity protection circuit.
Symbols ... ZD: Surge absorption zener diode
Tr: NPN output transistor
Wiring diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com