Electronic Components Datasheet Search
  English  ▼

X  

PM2 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM2 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  PM2 Datasheet HTML 1Page - Panasonic Semiconductor PM2 Datasheet HTML 2Page - Panasonic Semiconductor PM2 Datasheet HTML 3Page - Panasonic Semiconductor PM2 Datasheet HTML 4Page - Panasonic Semiconductor PM2 Datasheet HTML 5Page - Panasonic Semiconductor PM2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
415 ConvergentReflectiveMicroPhotoelectricSensorPM2SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM2
Connector type
Cautions in plugging or unplugging a connector
Procedures of plugging or unplugging a connector
1
Insert a connector straight into a
sensor until the connector lug is
locked by the sensor hook.
2
When unplugging, give as much
stress as a connector lug can
be relieved from a hook. Then
unplug it.
Hook
Lug
5 N or less
Caution: Be sure to hold a
connector when plugging
or unplugging it. Do
not hold a terminal or
a cable when plugging
or unplugging the
connector. Otherwise, it
will cause a poor contact.
CN 13
0VOUT+V
1.5 mm
0.059 in
Soldering
position
0V OUT
+V
Soldering (Both connector CN-13 and sensor)
• If soldering is done directly on the terminals, strictly
adhere to the conditions given below.
Soldering temperature
260 °C 500 °F or less
Soldering time
10 sec. or less
Soldering position
Refer to the below figure
Sensor
Connector
Wiring
• The cable length must
be 2 m 6.562 ft, or
less, with 0.3 mm2,
or more, cable. If the
cable is extended for
more than 2 m 6.562 ft,
connect a capacitor of
10 µF approx. between
+V and 0 V terminals.
10 µF
Cable
5 to 24 V DC
±10 %
+
–
Sensor
PM2-LH10 PM2-LH10B
10
0.394
5
0.197
3.3
0.130
7.2
0.283
Sensing surface
26
1.024
20
0.787
14
0.551
Operation
indicator (Red)
2-elongated mounting holes
3.2
0.126
6
0.236
25
0.984
1 0.039
8.4
0.331
4
0.157
3.2
0.126
15
0.591
17
0.669
15
0.591
Sensor
PM2-LF10 PM2-LF10B
26
1.024
20
0.787
14
0.551
7.2
0.283
3.2
0.126
6
0.236
25
0.984
13
0.512
15
0.591
1 0.039
8.4
0.331
4
0.157
4 0.157
10
0.394
Sensing surface
2-elongated mounting holes
Operation
indicator (Red)
3.3
0.130
15
0.591
3.2
0.126
5
0.197
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
PRECAUTIONS FOR PROPER USE
• Do not plug or unplug a connector more than
10 times.
• Be sure not to give stress more than 5 N to a
terminal of both a connector and a sensor.
If you do not follow the above cautions, it will
cause a poor contact.
Refer to p.1552~ for general precautions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com