Electronic Components Datasheet Search
  English  ▼

X  

044110 Datasheet(PDF) 6 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 044110
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

044110 Datasheet(HTML) 6 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Back Button 044110 Datasheet HTML 2Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 3Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 10Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CAT IV 600 V
BENNING CC 1 and CC 2
Current Clamp Adapter for Multimeter
• safe AC current measuring up to 200 A/400 A
• connection via 4 mm safety measuring leads
• output: 1 mV AC/1 A AC (CC 1), 1 mA AC/1 A AC (CC 2 )
CM 1-3
CM 1-2
CM 1-1
volt sensor
CM 2
CM 3
CC 2
CC 1
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
BENNING CM 1-1, CM 1-2 and CM 1-3
Digital Current Clamp Multimeter for AC current
Innovative technology, practical design
• safe current measuring up to 400 A AC
• measuring inputs for voltage, resistance, continuity and
diode test
• integrated volt sensor signalises phase voltages by means
of an acoustic signal and a red LED signal (CM 1-3 )
• it localizes cable breaks and defective lamps in exposed
cables (cable reel, light chains) via the feeding side of the
phase (CM 1-3 )
BENNING CM 2 and CM 3
Digital Current Clamp Multimeter for
AC/ DC current
• safe and non-contact measuring of high currents
• DC and AC current measuring up to 600 A AC/DC
• measurement of low currents (automotive, photovoltaics,
industry) (CM 2)
• measuring inputs for voltage, resistance and continuity
test (CM 2 )
BENNING
BENNING
BENNING
BENNING
BENNING
BENNING
BENNING
CC 1
CC 2
CM 1-1
CM 1-2
CM 1-3
CM 2
CM 3
indicating range
––
2000
2000
2000
4000
2000
basic accuracy
1.9 %
1 % - 3 %
2 %
1 %
1 %
0.5 %
1.9 %
AC voltage
––
–
0.1 V - 600 V
0.1 V - 750 V
0.1 mV - 600 V
–
DC voltage
––
–
0.1 V - 600 V
0.1 V - 1000 V
0.1 mV - 600 V
–
AC current
1 A - 400 A
0.5 A - 200 A
10 mA - 400 A
0.1 A - 400 A
0.1 A - 200 A
10 mA - 300 A
0.1 A - 600 A
DC current
––
–––
10 mA - 300 A
0.1 A - 600 A
resistance
––
–
0.1 Ω - 20 MΩ
0.1 Ω - 20 MΩ
0.1 Ω - 40 MΩ
–
continuity/diode
–/–
–/–
–/–
yes/–
yes/yes
yes/–
–/–
frequency
––
––––
–
effective power
––
––––
–
power factor (cos φ)
––
––––
–
temperature
––
––––
volt sensor
––
––
yes
––
memory
––
HOLD, MAX
HOLD
HOLD
HOLD, MAX
HOLD
measuring method
––
RMS
RMS
RMS
RMS
RMS
max. clamp opening
30 mm
21 mm
30 mm
30 mm
16 mm
25 mm
38 mm
measuring category
CAT III 300 V
CAT III 600 V
CAT III 600 V
CAT III 600 V
CAT IV 600 V
CAT III 300 V
CAT III 300 V
item no.
044037
044110
044061
044062
044063
044035
044031
Digital Current Clamp Multimeter/Current Clamp Adapter
Digital Current Clamp Multimeter
BENNING CM 1-1 – CM 1-3, CM 2, CM 3, CC 1, CC 2
tested and
approved
IEC/EN 61010-1
(DIN VDE 0411-1)
Our
best seller!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com