Electronic Components Datasheet Search
  English  ▼

X  

044110 Datasheet(PDF) 10 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 044110
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

044110 Datasheet(HTML) 10 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Back Button 044110 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 10Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 11Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 12Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Features of the BENNING 700
• standard equipment with measured value memory for 199
test samples, PC interface, connection for barcode scanner
and optional software BENNING PC-Win 700
• indication of the respective testing steps by means of LED
and indication of measured values and limiting values via
LC display
• „PASS“/„FAIL“ indication by means of red error LED
• appropriate for electrotechnically trained personnel
• test sample identification via barcode scanner / barcode labels
BENNING PC-Win 700 Software
• professional software for logging, evaluation and archiving
of the recorded measured values
• comfortable transmission of the test data to the
BENNING 700 tester
BENNING 700 Set
• tester BENNING 700 incl. service bag
item no. 050305
• software BENNING PC-Win 700
on CD-ROM
item no. 047000
• barcode scanner
item no. 009369
• barcode labels (320 pieces)
item no. 756061
• test badges „Next test“ (300 pieces)
item no. 756213
BENNING 700 Tester according to VDE 0701/0702
For testing portable electrical equipment
BENNING 700
Tester for safety tests and
repetitive tests according to
DIN VDE 0701/0702 and UVV BGV A3, BetrSichV
(German Health and Safety at Work Regulations)
• DIN VDE 0701:
tests on repaired and modified electric devices
• DIN VDE 0702:
repetitive tests on electric devices
Test routines either in automatic or manual mode
• measurement of protective-conductor resistance with test
current 200 mA/10 A
• measurement of insulation resistance
• measurement of protective-conductor current and contact-
current using differential current process
• measurement of substitute earth leakage test
• test of voltage absence by measuring differential current
• function test after safety test passed (voltage, current)
Next test
BENNING 700
indicating range
99999
protective conductor
resistance
0.01 Ω - 65.53 Ω
insulation resistance
1 kΩ - 65.53 MΩ
measurement of
protective conductor
current, contact current
0.01 mA - 65.00 mA
(differential current) and
substitute leakage current
zero potential test
(differential current method)
0.01 mA - 65.00 mA
functional test after
test sample passed the
safety test by means of
230 V, 16 A
separately placed test
socket and mains socket
measured value memory
199 test samples
interfaces
RS 232, barcode scanner
item no.
050305
BENNING 700
VDE 0701/0702 Tester
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
Optional accessories for BENNING 700
software BENNING PC-Win 700 on CD-Rom
item no. 047000
barcode scanner
item no. 009369
barcode labels
(1 set/320 pieces)
item no. 756061
test badges „Next test“
(1 set/300 pieces)
item no. 756213
Leakage current clamp BENNING CM 9 for leakage current measurement
(see page 7)
item no. 044065
Measuring adapter for three-phase loads:
Measuring adapter for R
PE and RISO measurement, CEE coupling (5-pin,
L1-L2-L3 bridged) onto shock-proof plug (2-pin),
16 A CEE coupling
item no. 044122
32 A CEE coupling
item no. 044123
Measuring adapter for leakage current clamp, CEE coupling onto CEE
plug (5-pin), conductors leaded through individually and double insulated
16 A CEE coupling
item no. 044127
32 A CEE coupling
item no. 044128
Scope of delivery of the BENNING 700
• BENNING 700 tester incl. Service case
• 4 mm safety measuring line and probe tip
BENNING 700
BENNING 700 info CD
BENNING 700
set offer
Te s t p a
s s e d / O K
Test record for
electrical devices
VDE 0701/0702,
BGV A3
drill machine
Test object
Paus
Customer
workshop
Device department
10015
ID
285500
Order number
463700RCC
BENNING 700 Checking
device
Inspection
Test reason
Repetition test
Case ok
Other mechanical
parts ok
Connecting cables
and plugs ok
Test from 14.05.2007
Test
Earth continuity te
st [Ohm]
Earth continuity te
st (reversed polarity)
[Ohm]
Earth bond test (10
A) [Ohm]
Insulation test [MOhm]
Earth leakage test
[mA]
Earth leakage test
for information technology
[mA]
Earth leakage test
for information technology
(reversed polarity)
[mA]
Test passed
Remarks
Limit value
–
–
–
2
3,5
–
–
Measurement
value
–
–
–
10
0,7
–
–
Test ok
–
–
–
Yes
Yes
–
–
Yes
Next test 19.11.2007
Group 7
Device group
half-yearly
Test interval
Baumeister
Tester
Signature
Place, date
Bocholt, 14.05.2007
Baumeister
CM 9
(available as of 07/2008)
NEW!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com