Electronic Components Datasheet Search
  English  ▼

X  

044110 Datasheet(PDF) 9 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 044110
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

044110 Datasheet(HTML) 9 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Back Button 044110 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 10Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 11Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 044110 Datasheet HTML 12Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Features
BENNING IT 110, BENNING IT 120
• all measuring functions can be selected directly by means
of a rotary switch
• switchable probe tip for releasing the measuring process
• graphic display and help function with connecting diagram
• complete measuring result with measuring parameters,
limiting value and symbols for PASS / FAIL
• current supply by means of 6 NiMH storage batteries (AA)
with charger
Additional functions
BENNING IT 120
in addition to the BENNING IT 110 :
• current measurement (TRUE RMS) by means of current
clamp adapter (optional)
• illumination measurement by means of lux sensor (optional)
• earthing measurement by means of three-wire measuring
method (optionally with earthing set)
• integrated measured value memory for 500 measurements
• USB and RS 232 interface
• BENNING PC-Win IT 120 software included in delivery
Logging software with Test Log according to ZVEH
BENNING PC-Win IT 120
• PC software for reading the stored test data
• Creation of test logs with handover and status report
according to ZVEH
• Structuring and export function of the test data
IT 120
BENNING
IT 120
display
graphic display (illuminated)
low-impedance measurement
0.01 Ω - 2000 Ω
insulation resistance
1 kΩ - 1000 MΩ
line impedance (L-N/L)
0.01 Ω - 2000 Ω
loop impedance (L-PE)
0.01 Ω - 2000 Ω
short-circuit current
0.01 A - 24.4 kA
RCD testing
tripping time, tripping current,
contact voltage
phase sequence
yes
voltage, frequency
1 V - 500 V, 45 Hz - 65 Hz
earth resistance
0.01 Ω - 2000 Ω
current (TRUE RMS)
0.1 mA - 20 A (by means of the clamp)
luminous intensity
0.01 lux - 20 klux (by means of sensor)
measured value memory
500 measuring results
interfaces
USB, RS 232
incl. software
BENNING PC-Win IT 120
item no.
044101
BENNING
BENNING
IT 110
IT 120
tester incl. carrying case / carrying strap
xx
switchable probe tip
xx
test cable with shock-proof plug
xx
universal test cable, 3 x L = 1.5 m
xx
3 x test probe, 3 x crocodile clips
xx
charger with 6 NiMH storage batteries (AA)
xx
PC software BENNING PC-Win IT 120
x
USB and RS 232 cable
x
Optional accessories for BENNING IT 120
Current clamp adapter BENNING CC 2
0.5 A - 20 A AC (200 A AC)
item no. 044110
Illumination sensor BENNING luxmeter type B
Accuracy: 5 %
item no. 044111
Illumination sensor BENNING luxmeter type C
Accuracy: 10 %
item no. 044112
Earthing set consisting of 2 earth rods and 3 test cables
item no. 044113
BENNING IT 120
Installation Testers
Scope of delivery of the installation testers
BENNING IT 110, IT 120 Installation Testers
The perfect solution for efficient testing
BENNING luxmeter
type B / type C
BENNING CC 2
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
Scope of delivery of the BENNING IT 120
NEW!
Test log
according
to ZVEH
Earthing set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com