Electronic Components Datasheet Search
  English  ▼

X  

020022 Datasheet(PDF) 3 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 020022
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

020022 Datasheet(HTML) 3 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

  020022 Datasheet HTML 1Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 2Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 3Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
DUSPOL®
DUSPOL®
DUSPOL®
DUSPOL®
DUSPOL®
DUSPOL®
digital plus
analog plus
expert
master
combi
compact
indication
LCD digital plunger system/LED
LED/LCD
LED/LCD
LED/LCD
LED
indication steps
1.5 - 750 V
12 - 690 V
12 - 690 V
12 - 690 V
12 - 690 V
12 - 690 V
continuity
––
buzzer + LED
–
LCD
–
test
108 kΩ
600 kΩ
phase-sequence test
yes/LCD
yes/LCD
yes/LCD
yes/LCD
––
single-pole phase test
yes/LCD
yes/LCD
yes/LCD
yes/LCD
yes/LCD
–
polarity test
yes/LCD
yes/LED
yes/LED
yes/LED
yes/LED
yes/LED
load connection
IS = 200 mA IS = 250 mA IS = 200 mA IS = 200 mA IS = 200 mA IS = 200 mA
via push buttons
(750 VDC)
(750 VDC)
(750 VDC)
(750 VDC)
(750 VDC)
(750 VDC)
30 mA FI triggering
yes
yes
yes
yes
yes
yes
via push button
vibrating alarm
yes
yes
yes
yes
yes
–
measuring point illumination
yes/LED
–
yes/LED
––
–
protection class
IP 64
IP 64
IP 64
IP 64
IP 64
IP 64
item no.
050255
050257
050253
050252
050254
050251
• phase-sequence indication with arrows „
, “
• safe single-pole phase test
• precise illumination of the measuring point
• shock-resistant, dust-proof and splash-proof housing (pro-
tection class IP 64)
• LC display illumination that is activated automatically by
means of a light sensor
Top-class test equipment
DUSPOL® voltage testers
• tested and approved according to the international standard
IEC/EN 61243-3 (DIN VDE 0682-401), voltage class B
• vibrating alarm for safe voltage detection
• no measuring errors due to irritating capacitive and inducti-
ve voltages by means of intended load connection via push
buttons
• intended release of a 30 mA FI safety switch
• acoustic continuity check via buzzer and LED/LCD
measuring point
illumination
storage of the
testing result
LC display with
background lighting
single-pole phase test:
„R“ symbol for AC voltage
voltage indication 12 - 690 V AC/750 V DC,
full operative even without batteries
load connection
via push buttons
vibrating alarm for safe
voltage detection
shock-resistant, dust-proof and splash-
proof housing (protection class IP 64)
polarity test (+/-)
with DC voltage
acoustic and optical continuity test
phase-sequence test
Voltage and Continuity Tester
Top-class test equipment
DUSPOL
® expert, the measure of all things
CAT IV
500 V
tested and
approved
IEC/EN 61243-3
(DIN VDE 0682-401)
voltage class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com