Electronic Components Datasheet Search
  English  ▼

X  

020022 Datasheet(PDF) 12 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 020022
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

020022 Datasheet(HTML) 12 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Back Button 020022 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 10Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 11Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 12Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
BENNING Elektrotechnik und Elektronik GmbH & Co.KG
Münsterstraße 135-137 • D-46397 Bocholt
Tel.: ++ 49 / (0) 2871 / 93-239 • Fax: ++ 49 / (0) 2871 / 93-429
www.benning.de • E-Mail: duspol@benning.de
TRITEST ® control
DUTEST ®
PROFIPOL®
Z-TESTER
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
PROFIPOL®
Universal voltage tester
• indicating DC and AC voltage within the
range of 6 - 400 V
• indicating steps 6, 12, 50, 230, 400 V
• polarity test for DC voltage
• shock-resistant, dust-proof and splash-
proof housing, protection class IP 65
Z-TESTER
Load tester for testing
low-voltage meters
• testing of the meter starting capability
• functional control by power connection of
50 W/100 W
• control of phase voltages (230/400 V)
• overload protection by means of integrated
temperature monitoring
TRITEST ® control
Phase-sequence indicator for testing
the phase sequence in three-phase
mains
• indication of clockwise and anti-clockwise
phase sequence
• indication of the phase voltages L1, L2
and L3
• voltage range: 400 - 690 V (50 - 60 Hz)
• bright LED pocket lamp function
• including safety probe tips and alligator clip
DUTEST ®
Continuity and line tester
•
reliable detection of faulty wiring, contacting errors and
cable interruptions
•
high- and low-impedance continuity tests
•
acoustic indication by means of loud testing buzzer
•
visual indication by means of high-contrast light-emitting
diodes (LED)
•
powerful torch function
•
protected against external voltages of up to 400 V
PROFIPOL®
DUTEST ®
Z-TESTER
TRITEST ®
continuity tester
load tester
control
indication
LED
LED
LED
LED
AC voltage
6 - 400 V
–
230/400 V
400 - 690 V
DC voltage
6 - 400 V
–
–
–
continuity
–
buzzer + LED
––
test
900 Ω/90 kΩ
Phase-sequence
–
–
–
yes/LED
test
Phase voltage
–
–
–
yes/LED
indication
Pocket lamp
–
yes/bulb
–
yes/white LED
function
polarity test
yes/LED
–
–
–
load connection
––
50 W/100 W
–
via push button
IS = 270/470 mA
protection class
IP 65
IP 30
IP 20
IP 30
item no.
020022
050155
050190
020050
Your specialist dealer
Voltage, Continuity, Load Tester and Phase-Sequence Indicator
Voltage, Continuity, Load Tester
Phase-Sequence Indicator
tested and
approved
IEC/EN 61243-3
(DIN VDE 0682-401)
tested and
approved
IEC/EN 61010-1
(DIN VDE 0411-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com