Electronic Components Datasheet Search
  English  ▼

X  

020022 Datasheet(PDF) 7 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Part # 020022
Description  Testing, Measuring and Safety Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENNING [BENNING Elektrotechnik Elektronik GmbH & Co. KG]
Direct Link  https://www.benning.de/
Logo BENNING - BENNING Elektrotechnik Elektronik GmbH & Co. KG

020022 Datasheet(HTML) 7 Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG

Back Button 020022 Datasheet HTML 3Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 4Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 5Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 6Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 7Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 8Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 9Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 10Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG 020022 Datasheet HTML 11Page - BENNING Elektrotechnik Elektronik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
NEW!
B E N N I N G
W o r l d
C l a s s
T e s t
E q u i p m e n t
BENNING CM 4 - CM 7
Digital Current Clamp Multimeter of the highest
measuring category
Safety without any compromises
• multi-functional and powerful due to TRUE RMS measuring
method for industrial applications
• safe current measuring up to 1000 A AC/DC
• highest measuring category CAT IV 600 V allows measure-
ments directly at the source of the low-voltage installation
• LC display and background illumination for all types
All Digital Current Clamps
Including protective case,
Safety measuring leads and
battery set.
TRUE RMS
CAT IV 600 V
CAT IV 600 V
TRUE RMS
BENNING
BENNING
BENNING
BENNING
BENNING
BENNING
CM 4
CM 5
CM 6
CM 7
CM 8
CM 9
indicating range
4000
4000
4000
4000
6000
6000
basic accuracy
0.7 %
0.7 %
0.7 %
0.7 %
0.7 %
0.9 %
AC voltage
0.1 V - 600 V
0.1 V - 600 V
0.1 V - 750 V
0.1 V - 750 V
10 mV - 1000 V
–
DC voltage
0.1 V - 600 V
0.1 V - 600 V
0.1 V - 1000 V
0.1 V - 1000 V
10 mV - 1000 V
–
AC current
0.1 A - 600 A
0.1 A - 600 A
0.1 A - 1000 A
0.1 A - 1000 A
0.1 A - 600 A
1 µA - 100 A
DC current
–
0.1 A - 600 A
–
0.1 A - 1000 A
0.1 A - 600 A
–
resistance
0.1 Ω - 400 Ω
0.1 Ω - 400 Ω
0.1 Ω - 400 Ω
0.1 Ω - 400 Ω
0.1 Ω - 20 kΩ
–
continuity/diode
yes/–
yes/–
yes/–
yes/–
yes/yes
–/–
frequency
1 Hz - 400 Hz
1 Hz - 400 Hz
1 Hz - 400 Hz
1 Hz - 400 Hz
0.1 Hz - 400 Hz
–
effective power
––
––
1 W - 600 kW
–
power factor (cos φ)
––
––
± 0.00 - 1.00
–
temperature
––
––
-50 °C up to +1000 °C
–
volt sensor
––
–––
–
memory
HOLD, MAX/MIN HOLD, MAX/MIN HOLD, MAX/MIN HOLD, MAX/MIN HOLD, MAX/MIN
HOLD, PEAK
PEAK
PEAK, ZERO
PEAK
PEAK, ZERO
PEAK, INRUSH
analogue output
measuring method
RMS
TRUE RMS
RMS
TRUE RMS
TRUE RMS
RMS
max. clamp opening
37 mm
45 mm
53 mm
53 mm
40 mm
40 mm
measuring category
CAT III 600 V
CAT III 600 V
CAT IV 600 V
CAT IV 600 V
CAT III 600 V
CAT III 600 V
item no.
044056
044057
044058
044059
044064
044065
Digital Current Clamp Multimeter
CM 4
CM 5
CM 6
CM 7
Digital Current Clamp Multimeter
BENNING CM 4 – CM 9
TRUE RMS
CM 8
BENNING CM 8
Power Current-Clamp Multimeter
Power analysis for single-phase and
three-phase mains
• TRUE-RMS measurements up to 1000 V, 600 A AC/DC
• effective power measurements up to 600 kW
• calculation of the power factor cos φ
• indication of the load type (inductive, capacitive)
• bipolar phase sequence test in three-phase mains
• measuring inputs for voltage, resistance, continuity, diode,
frequency and temperature
• measurement of inrush currents (motors etc.)
CM 9
(available as of 07/2008)
BENNING CM 9
Leakage Current Clamp with a Resolution of 1 µA
The alternative solution for insulation measurements
• measurement of leakage currents and differential currents
in electrical systems (VDE 0100) and devices (VDE
0701/0702, BGV A3, BetrSichV ( = German Health and
Safety at Work Regulations))
• highest resolution of 1 µA in the 6 mA measuring range
• measurement without switch-off during normal operation
of the system/device, the perfect solution for preventive
maintenance
• analog output (mV/A) for transmission of measured values
• precise and reproducible measuring results up to 100 A
• optimum screening against external magnetic fields
tested and
approved
IEC/EN 61010-1
(DIN VDE 0411-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com