Electronic Components Datasheet Search
  English  ▼

X  

CMB Datasheet(PDF) 2 Page - Advanced Energy Industries, Inc.

Part # CMB
Description  EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

CMB Datasheet(HTML) 2 Page - Advanced Energy Industries, Inc.

  CMB Datasheet HTML 1Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 2Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 3Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 4Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 5Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 6Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 7Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
advancedenergy.com
COOLX SERIES MODULES
MODULES
CoolX CoolMods
Single Output Modules
(1 Slot)
Vnom (V)
Set Point
Adjust Range
(V)
Imax (A)
(CX600 &
CX1000)
Power (W) – Convection
Cooled (CX600 & CX1000)
Imax (A)
(CX1800)
Power (W) – Fan
Cooled (CX1800)
CmA
5
2.5-6.0
21.0
105
30.0
150
CmB1
12
6.0-15.02
15.0
180
23.3
280
CmC
24
15.0-28.0
8.3
200
12.5
300
CmD
48
28.0-58.03
4.17
200
6.25
300
High Power Modules (3 Slot)
CmE4
24
24-25.2
25.0
600
37.5
900
CmF4
48
48-50.4
12.50
600
18.75
900
Dual Output Modules (1 Slot)
CmG5 V1
24
3.0-30.0
3.0
90
4.0
120
V2
24
3.0-30.0
3.0
90
4.0
120
CmH6 V1
5
3.0-6.0
6.0
36
10.0
60
V2
24
3.0-30.0
3.0
90
4.0
120
Wide Trim Modules (1 Slot)
CmA-W01
5
1.0-6.0
21
105
30.0
150
CmB-W01
12
1.0-15.02
15
180
23.3
280
CmC-W01
24
2.0-28.0
8.33
200
12.5
300
CmD-W01
48
3.0-58.03
4.17
200
6.25
300
* SEMI F47 compliant at input voltages > 180 VAC. Consult Advanced Energy for details.
1 Full dynamic specifications may not be met at full load when output voltage is trimmed by above 13 V
2 Max trim 14 V when used with high power module
3 Max trim 56 V when used with high power module
4 a) Only one high power module (CmE or CmF) can be used per CoolPac.
b) During load transients starting from 0% load on the High Power modules, other modules in the CoolPac may experience an output voltage
dynamic during the load change. Contact applications support for details or support.
5 For the CmG module, the max combined power of both outputs is 120 W (Convection Cooled) or 200 W (Fan Cooled)
6 For the CmH module, the max combined power of both outputs is 100 W (Convection Cooled) or 180 W (Fan Cooled)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com