Electronic Components Datasheet Search
  English  ▼

X  

CMB Datasheet(PDF) 3 Page - Advanced Energy Industries, Inc.

Part # CMB
Description  EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

CMB Datasheet(HTML) 3 Page - Advanced Energy Industries, Inc.

  CMB Datasheet HTML 1Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 2Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 3Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 4Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 5Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 6Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 7Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
advancedenergy.com
3
COOLX SERIES MODULES
ELECTRICAL SPECIFICATIONS
Output
Parameter
Conditions/Description
Min
Nom
Max
Units
Minimum Load
0
—
—
A
Line Regulation
For ±10% change from nominal line
—
—
±0.1
%
CmE, CmF, CmG, CmH
—
—
±0.5
%
Load and Cross Regulation
For 25% to 75% load change
—
—
±0.2
%
Transient Response
For 25% to 75% load change 0.5 A/uS: Voltage deviation
—
—
4 (4)
%
*CmE and CmF, figures in () settling time
—
—
500(1000) µS
Ripple and Noise
100 mV or 1.0% pk-pk. 20 MHz BW
—
—
1
%
CmE, CmF
—
—
3
%
Overvoltage Protection
Tracking OVP Level (N/A in CmE and CmF, CmG, CmH)
105
—
125
%
Non-latching OVP
110
—
160
%
Remote Sense
Max. line drop compensation. (N/A in CmG, CmH)
—
—
0.5
VDC
Overshoot
—
—
1
%
Rise Time
Monotonic CmG, CmH figures in ()
—
—
10 (20)
ms
Turn-On Delay
From AC
—
—
800
ms
From global enable
—
—
12 (20)
ms
From CoolMod enable
—
—
12 (20)
ms
Hold-Up Time
For nominal output voltages at full load
16
—
—
ms
CoolMod Power
As per CoolMod table
—
—
—
—
Output Adjustment Range
Manual: Multi-turn potentiometer. As per CoolMod table
Vtrim: As per CoolMod table
—
—
—
—
Overcurrent Protection
Straight line with hiccup activation @ 35% Vo nom
CmE, CmF, CmG, CmH: Current limit hiccup autorecovery
110
130
150
%
Short Circuit Protection
Yes, autorecovery
—
—
—
—
OverTemperature Protection
Yes, autorecovery (CmG, CmH latch off )
Capacitive Load
Nominal output voltages at full load CmG
CmH
CmE
CmF
—
—
270
270
10
2.5
uF
uF
mF
mF
ECIFICATIONS (CONTINUED)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com