Electronic Components Datasheet Search
  English  ▼

X  

CMB Datasheet(PDF) 4 Page - Advanced Energy Industries, Inc.

Part # CMB
Description  EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

CMB Datasheet(HTML) 4 Page - Advanced Energy Industries, Inc.

  CMB Datasheet HTML 1Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 2Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 3Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 4Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 5Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 6Page - Advanced Energy Industries, Inc. CMB Datasheet HTML 7Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
advancedenergy.com
COOLX SERIES MODULES
Standards & Directives
Standard
Conditions/Description
Safety Agency Approvals
EN60601-1 3rd edition, UL60601-1, CSA601, EN60950 2nd edition, CSA C22.2 No. 60950-1, IEC 62368-1
IEC/EN 60950-1, Edition 2
UL 60950-1/CSA 22.2 No 60950-1, Edition 2; 5000 m (16,400 ft) altitude, 100 V to 240 VAC ±10%
IEC/EN 60601-1, Edition 3
IEC 60601-1(2005), EN60601-1(2006), ANSI/AAMI ES 60601-1(2005), CAN/CSA C22.2 No. 60601-1 (2008);
5,000 m (16,400 ft) altitude, 100 V to 240 VAC ±10%
IEC 62368 Edition 2
IEC 62368-1 (2014) Edition 2 5000 m (16,400 ft) altitude, 100 V to 240 VAC ±10%
IEC 60601-1-2 Edition 4
IEC 60601-1-2 (2014)
Protection class
Class I
WEEE
Waste Electrical and Electronic Equipment Directive (WEEE) 2002/96/EC
ROHS
EU DIRECTIVE 2011/65/EC RoHS compliancy
REACH
Compliant
ELECTRICAL SPECIFICATIONS (CONTINUED)
Galvanic Isolation
Parameter
Conditions/Description
Min
Nom
Max
Units
Input to Output
Reinforced (2 x MOPP); contact Advanced Energy for
Hi-Pot instructions
4000
—
—
VAC
Output to Case
Basic (1 x MOPP)
1850
—
—
VAC
Output to Output
Basic (1 x MOPP)
1850
—
—
VAC
Output to Output (Dual)
CmG, CmH V1-V2
500
—
—
VDC
LECTRICAL SPECIFICATIONS (CONTINUED)
Environmental
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating Temperature
Operates to specification below -20°C after 10 min warm-up
-40
—
85
°C
Storage Temperature
-40
—
85
°C
Derating
See derating curves in the Designers Manual
—
—
—
—
Relative Humidity
Non-condensing
5
—
95
%RH
Shock and Vibration
MIL-STD-810G Method 514.6
—
—
—
—
Altitude
—
—
5000
m
EMC
Parameter
Conditions/Description
Criteria
Radiated Emissions1
EN 55011, EN 55022 and FCC, Class B
Compliant
Conducted Emissions
EN 55011, EN 55022 and FCC, Class B
Compliant
Power Line Harmonics
EN 61000-3-2, Class A
Compliant
Voltage Flicker
EN 61000-3-3
Compliant
ESD
EN 61000-4-2, level 4, 8 kV contact, 15 kV air
A
Radiated Immunity
EN 61000-4-3, level 3, 10V/m 80-2700 MHz
A
Electrical Fast Transient
EN 61000-4-4, level 4, ±4 kV
A
Surge Immunity
EN 61000-4-5, level 4, 2 kV DM, 4 kV CM
A
Conducted RF Immunity
EN 61000-4-6, level 3, 10 Vemf 150 KHz-80 MHz
A
Power Frequency Magnetic Field EN 61000-4-8, level 4, 30 A/m
A
Voltage Dips & Interruptions
EN 61000-4-11
A & B Compliant
1 Consult AE applications for system level compliance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com