Electronic Components Datasheet Search
  English  ▼

X  

CC1206MP6 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC1206MP6
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206MP6 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC1206MP6 Datasheet HTML 6Page - YAGEO Corporation CC1206MP6 Datasheet HTML 7Page - YAGEO Corporation CC1206MP6 Datasheet HTML 8Page - YAGEO Corporation CC1206MP6 Datasheet HTML 9Page - YAGEO Corporation CC1206MP6 Datasheet HTML 10Page - YAGEO Corporation CC1206MP6 Datasheet HTML 11Page - YAGEO Corporation CC1206MP6 Datasheet HTML 12Page - YAGEO Corporation CC1206MP6 Datasheet HTML 13Page - YAGEO Corporation CC1206MP6 Datasheet HTML 14Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
10
20
Product specification
X5R
0201
0402
0603
0805
1206
1210
I.R.
≤ 6.3V
100pF to 82nF
22nF to 470nF
220nF to 1uF
470nF to 4.7uF
1uF to 2.2uF
1uF to 4.7uF
Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F
100nF to 1uF
560nF to 4.7uF
2.2uF to 4.7uF
10uF
4.7uF to 47uF 10uF to 220uF
Rins × Cr ≥ 100Ω.F
10uF
10uF to 22uF
22uF to 47uF
100uF
Rins × Cr ≥ 50Ω.F
2.2uF to 4.7uF
22uF
47uF
Rins × Cr ≥ 20Ω.F
10V
100pF to 82nF
22nF to 470nF
220nF to 1uF
470nF to 2.2uF 1uF to 2.2uF
1uF to 4.7uF
Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F
100nF to 470nF
560nF to 4.7uF
2.2uF to 4.7uF
4.7uF to 22uF
4.7uF to 47uF 10uF to 100uF
Rins × Cr ≥ 100Ω.F
560nF to 2.2uF
10uF
10uF to 22uF
47uF
Rins × Cr ≥ 50Ω.F
16V
100pF to 10nF
22nF to 150nF
220nF to 1uF
470nF to 2.2uF
1uF to 2.2uF
1uF to 4.7uF
Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F
22nF to 100nF,
470nF
2.2uF to 4.7uF
4.7uF to 22uF
4.7uF to 10uF 10uF to 100uF
Rins × Cr ≥ 100Ω.F
220nF
220nF to 4.7uF
10uF
22uF
Rins × Cr ≥ 50Ω.F
25V
100pF to 10nF
22nF to 150nF
220nF to 1uF
470nF to 2.2uF
1uF to 2.2uF
1uF to 2.2uF
Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F
22nF to 100nF
2.2uF to 4.7uF
4.7uF to 22uF
4.7uF
4.7uF to 22uF
Rins × Cr ≥ 100Ω.F
220nF
220nF to 2.2uF
10uF
10uF, 22uF
Rins × Cr ≥ 50Ω.F
50V
100pF to 1nF
22nF to 100nF
470nF to 2.2uF
1uF to 2.2uF
1uF to 2.2uF
Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F
220nF to 2.2uF
4.7uF
4.7uF
4.7uF to 10uF
Rins × Cr ≥ 100Ω.F
150nF to 1uF
10uF
Rins × Cr ≥ 50Ω.F
Fig. 3
Typical capacitance change as a function of
temperature
15
5
15
YNM0021
35
60
-10
15
65
40
90
T (oC)
10
10
C
(%)
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com