Electronic Components Datasheet Search
  English  ▼

X  

CC1206MP6 Datasheet(PDF) 18 Page - YAGEO Corporation

Part # CC1206MP6
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206MP6 Datasheet(HTML) 18 Page - YAGEO Corporation

Back Button CC1206MP6 Datasheet HTML 13Page - YAGEO Corporation CC1206MP6 Datasheet HTML 14Page - YAGEO Corporation CC1206MP6 Datasheet HTML 15Page - YAGEO Corporation CC1206MP6 Datasheet HTML 16Page - YAGEO Corporation CC1206MP6 Datasheet HTML 17Page - YAGEO Corporation CC1206MP6 Datasheet HTML 18Page - YAGEO Corporation CC1206MP6 Datasheet HTML 19Page - YAGEO Corporation CC1206MP6 Datasheet HTML 20Page - YAGEO Corporation CC1206MP6 Datasheet HTML 21Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
18
20
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Endurance
IEC 60384-
21/22
4.14
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for 24 ± 1 hour at
room temp
2.
Initial measure:
Spec: refer to initial spec C, D, IR
3.
Endurance test:
Temperature: X5R: 85 °C
Specified stress voltage applied (2.0/1.5/1.0 x Ur) for
1,000 hours
4.
Recovery time: 24 ± 2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the minimum
value permitted, then after the other measurements
have been made the capacitor shall be preconditioned
according to “IEC 60384 4.1” and then the requirements
shall be met.
No visual damage
<General purpose series - 2.0 x Ur>
∆C/C
Class2:
X5R: ± 15%
D.F.
Class2:
X5R:
≤ 16V: ≤ 7% or 2 x initial value whichever
is greater
≥ 25V: ≤ 5% or 2 x initial value whichever
is greater
Rins
Class2:
X5R: ≥ 1,000 MΩ or Rins x Cr ≥ 50s
whichever is less
<High Capacitance series - 1.0/1.5 x Ur>
∆C/C
Class 2:
X5R: ± 20%
D.F.
Class 2:
X5R: 2 x initial value max
Rins
Class 2:
Rins x Cr ≥ 10s
whichever is less
X5R
0201
0402
0603
0805
1206
1210
Test voltage
≤ 6.3V 100pF to 82nF
22nF to 820nF
220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
200% x Rated voltage
100nF to 330nF 1uF to 2.2uF
2.2uF to 10uF
4.7uF to 22uF
4.7uF to 100uF 4.7uF to 220uF 150% x Rated voltage
470nF to 4.7uF
4.7uF to 22uF
22uF, 47uF
47uF
100% x Rated voltage
10V
100pF to 82nF
22nF to 820nF
220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
200% x Rated voltage
100nF to 820nF 1uF, 2.2uF
2.2uF, 4.7uF
4.7uF, 10uF
4.7uF to 47uF
4.7uF to 100uF 150% x Rated voltage
1uF*, 2.2uF
4.7uF, 10uF
10uF, 22uF
22uF, 47uF
100% x Rated voltage
16V
100pF to 82nF
22nF to 820nF
220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
200% x Rated voltage
100nF to 470nF 1uF, 2.2uF
2.2uF, 4.7uF
4.7uF, 10uF
4.7uF to 22uF
4.7uF to 100uF 150% x Rated voltage
4.7uF
10uF
22uF
100% x Rated voltage
25V
100pF to 82nF
22nF to 220nF
220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
200% x Rated voltage
220nF
270nF to 2.2uF 2.2uF
4.7uF
4.7uF to 22uF
4.7uF to 22uF
150% x Rated voltage
100nF
4.7uF, 10uF
10uF, 22uF
100% x Rated voltage
50V
100pF to 82nF
22nF to 100nF
220nF to 820nF 470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
200% x Rated voltage
220nF, 1uF
1uF, 2.2uF
4.7uF
4.7uF
4.7uF, 10uF
150% x Rated voltage
100nF
470nF
10uF
100% x Rated voltage
* thickness BC for 150% x Rated Voltage, BB for 100% x Rated Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com