Electronic Components Datasheet Search
  English  ▼

X  

CC1206MP6 Datasheet(PDF) 17 Page - YAGEO Corporation

Part # CC1206MP6
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206MP6 Datasheet(HTML) 17 Page - YAGEO Corporation

Back Button CC1206MP6 Datasheet HTML 13Page - YAGEO Corporation CC1206MP6 Datasheet HTML 14Page - YAGEO Corporation CC1206MP6 Datasheet HTML 15Page - YAGEO Corporation CC1206MP6 Datasheet HTML 16Page - YAGEO Corporation CC1206MP6 Datasheet HTML 17Page - YAGEO Corporation CC1206MP6 Datasheet HTML 18Page - YAGEO Corporation CC1206MP6 Datasheet HTML 19Page - YAGEO Corporation CC1206MP6 Datasheet HTML 20Page - YAGEO Corporation CC1206MP6 Datasheet HTML 21Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
17
20
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Damp Heat
with Ur Load
4.13
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for 24 ± 1 hour
at room temp
2.
Initial measure:
Spec: refer to initial spec C, D, IR
3.
Damp heat test:
500 ± 12 hours at 40 ±2 °C;
90 to 95% R.H. 1.0 Ur applied
4.
Recovery:
Class 2: 24 ± 2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the minimum
value permitted, then after the other measurements
have been made the capacitor shall be preconditioned
according to “IEC 60384 4.1” and then the
requirements shall be met.
No visual damage after recovery
<General purpose series>
∆C/C
Class2:
X5R: ± 15%
D.F.
Class2:
X5R:
≤ 16V: ≤ 7% or 2 x initial value whichever
is greater
≥ 25V: ≤ 5% or 2 x initial value whichever
is greater
Rins
Class2:
X5R: ≥ 500 MΩ or Rins x Cr ≥ 25s
whichever is less
<High Capacitance series>
∆C/C
Class2:
X5R: ± 20%
D.F.
Class2:
X5R: 2 x initial value max
Rins
Class2:
Rins x Cr ≥ 5s
whichever is less
X5R
0201
0402
0603
0805
1206
1210
Product Type
≤ 6.3V 100pF to 82nF
22nF to 820nF 220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
General Purpose
100nF to 4.7uF
1uF to 22uF
2.2uF to 47uF
4.7uF to 47uF
4.7uF to 100uF 4.7uF to 220uF High Capacitance
10V
100pF to 82nF
22nF to 820nF 220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
General Purpose
100nF to 2.2uF
1uF to 10uF
2.2uF to 22uF
4.7uF to 47uF
4.7uF to 47uF
4.7uF to 100uF High Capacitance
16V
100pF to 82nF
22nF to 820nF 220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
General Purpose
100nF to 470nF 1uF to 4.7uF
2.2uF to 10uF
4.7uF to 22uF
4.7uF to 22uF
4.7uF to 100uF High Capacitance
25V
100pF to 82nF
22nF to 220nF 220nF to 1uF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
General Purpose
100nF to 220nF 270nF to 2.2uF 2.2uF to 10uF
4.7uF to 22uF
4.7uF to 22uF
4.7uF to 22uF
High Capacitance
50V
100pF to 82nF
22nF to 100nF 220nF to 820nF
470nF to 2.2uF 1uF, 2.2uF
1uF, 2.2uF
General Purpose
100nF
220nF to 1uF
1uF, 2.2uF
4.7uF
4.7uF, 10uF
4.7uF, 10uF
High Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com