Electronic Components Datasheet Search
  English  ▼

X  

XC221A Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC221A
Description  1.2V Input / Output Rail To Rail CMOS Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A Datasheet(HTML) 1 Page - Torex Semiconductor

  XC221A Datasheet HTML 1Page - Torex Semiconductor XC221A Datasheet HTML 2Page - Torex Semiconductor XC221A Datasheet HTML 3Page - Torex Semiconductor XC221A Datasheet HTML 4Page - Torex Semiconductor XC221A Datasheet HTML 5Page - Torex Semiconductor XC221A Datasheet HTML 6Page - Torex Semiconductor XC221A Datasheet HTML 7Page - Torex Semiconductor XC221A Datasheet HTML 8Page - Torex Semiconductor XC221A Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
XC221A Series
1.2V Input / Output Rail To Rail CMOS Op Amp
PIN
NUMBER
SYMBOL
FUNCTION
1
VOUT
Output Pin
2
VDD
Positive Power Supply Pin
3
IN+
Positive Input
4
IN-
Negative Input
5
VSS
Negative
Power Supply Pin
■
PIN CONFIGURATION
■
FEATURES
Operating Voltage Range:1.2 ~ 10V (single cell)
:±0.6 ~ 5V (+ve/-ve supply)
Output Signal
:0.1~2.9V (3V single cell, RL=2kΩ)
Gain Bandwidth
:550kHz (15μA: 210kHz)
Slew Rate
:0.5V/μs
High Capacitance Load :CL=200pF
Low Supply Current
:100μA, 15μA
Input / Output Rail To Rail Operation
Ultra Small Package
:SOT-25
■
APPLICATIONS
●
Palmtop computers, PDAs
●
Cellular and portable phones
●
Portable audio systems
●
Various battery powered systems
■
PIN ASSIGNMENT
■
GENERAL DESCRIPTION
The XC221A series is an input / output rail to rail CMOS Op Amp.
With rail to rail functions, operation is guaranteed from power supplies as low as 1.2V. Moreover, since the XC221A series
comes in an ultra small SOT-25 package, the series is particularly suited for use with various types of portable phones.
Bandwidths of 550kHz and slew rates of 0.5V can be achieved even with power consumption as low as 100μA.
Even with large capacitance levels of CL = 200pF (unity gain connection), the XC221A series will not be susceptible to
oscillation.
ETR1201_001


Similar Part No. - XC221A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
667Kb / 8P
1.2VInput/ Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A11 TOREX-XC221A11 Datasheet
667Kb / 8P
1.2VInput/ Output Rail To Rail CMOS Op Amp
XC221A1100 TOREX-XC221A1100 Datasheet
667Kb / 8P
1.2VInput/ Output Rail To Rail CMOS Op Amp
XC221A1100ML TOREX-XC221A1100ML Datasheet
667Kb / 8P
1.2VInput/ Output Rail To Rail CMOS Op Amp
More results

Similar Description - XC221A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
667Kb / 8P
1.2VInput/ Output Rail To Rail CMOS Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
logo
Torex Semiconductor
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com