Electronic Components Datasheet Search
  English  ▼

X  

XC221A Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC221A
Description  1.2V Input / Output Rail To Rail CMOS Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A Datasheet(HTML) 4 Page - Torex Semiconductor

  XC221A Datasheet HTML 1Page - Torex Semiconductor XC221A Datasheet HTML 2Page - Torex Semiconductor XC221A Datasheet HTML 3Page - Torex Semiconductor XC221A Datasheet HTML 4Page - Torex Semiconductor XC221A Datasheet HTML 5Page - Torex Semiconductor XC221A Datasheet HTML 6Page - Torex Semiconductor XC221A Datasheet HTML 7Page - Torex Semiconductor XC221A Datasheet HTML 8Page - Torex Semiconductor XC221A Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
XC221A Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
●
XC221A1100 <15μA>
(1) Voltage Gain vs. Phase Margin
(2) Sink Current vs. Output Voltage
(3) Source Current vs. Output Voltage
(4) Supply Current vs. Power Supply Voltage
(5) Supply Current vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com