Electronic Components Datasheet Search
  English  ▼

X  

XC221A Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC221A
Description  1.2V Input / Output Rail To Rail CMOS Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A Datasheet(HTML) 3 Page - Torex Semiconductor

  XC221A Datasheet HTML 1Page - Torex Semiconductor XC221A Datasheet HTML 2Page - Torex Semiconductor XC221A Datasheet HTML 3Page - Torex Semiconductor XC221A Datasheet HTML 4Page - Torex Semiconductor XC221A Datasheet HTML 5Page - Torex Semiconductor XC221A Datasheet HTML 6Page - Torex Semiconductor XC221A Datasheet HTML 7Page - Torex Semiconductor XC221A Datasheet HTML 8Page - Torex Semiconductor XC221A Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
XC221A
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
1.2
-
10.0
V
VDD = 3V
10
15
23
μ
A
Supply Current
IDD
VDD = 1.2V
2.5
8
23
μ
A
Input Offset Voltage
VOF
-
-
20.0
mV
Input Offset Current
IOF
-
1
-
pA
Input Bias Current
IB
-
1
-
pA
Input Resistance
RIN
-
1
-
TΩ
Large Signal Voltage Gain
AVD
75
110
-
dB
Common Mode
Rejection Ratio
CMRR
0≦VCM≦3.0V
60
75
-
dB
PSRR+
VDD = 3 to 10V, VSS = 0V, VOUT = 1.5V
60
75
-
dB
Power Supply
Rejection Ratio
PSRR-
VSS=-3 to -10V, VDD= 0V, VOUT= -1.5V
60
75
-
dB
RL = ∞
0.05
-
VDD-0.05
V
VDD = 1.2V, RL = 47kΩ (to VDD/2)
0.10
-
1.10
V
VDD = 3V, RL = 2kΩ(to VDD/2)
0.10
-
2.90
V
VDD = 5V, RL = 2kΩ(to VDD/2)
0.10
-
4.90
V
Output Voltage Range
VOUT
VDD = 10V, RL = 2kΩ(to VDD/2)
0.10
-
9.80
V
Gain Bandwidth
FT
VDD = 3V
-
210
-
kHz
Slew Rate
SR
VDD = 3V
-
0.07
-
V/μsec
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
1.2
-
10.0
V
VDD = 3V
67
100
150
μ
A
Supply Current
IDD
VDD = 1.2V
16.75
50.00
150.00
μ
A
Input Offset Voltage
VOF
-
-
20.0
mV
Input Offset Current
IOF
-
1
-
pA
Input Bias Current
IB
-
1
-
pA
Input Resistance
RIN
-
1
-
TΩ
Large Signal Voltage Gain
AVD
75
110
-
dB
Common Mode
Rejection Ratio
CMRR
0≦VCM≦3.0V
60
75
-
dB
PSRR+
VDD=3 to 10V, VSS = 0V, VOUT = 1.5V
60
75
-
dB
Power Supply Rejection
Ratio
PSRR-
VSS=-3 to -10V, VDD=0V, VOUT=-1.5V
60
75
-
dB
RL = ∞
0.05
-
VDD-0.05
V
VDD = 1.2V, RL = 47kΩ (to VDD/2)
0.10
-
1.10
V
VDD = 3V, RL = 2kΩ(to VDD/2)
0.10
-
2.90
V
VDD = 5V, RL = 2kΩ(to VDD/2)
0.10
-
4.90
V
Output Voltage Range
VOUT
VDD = 10V, RL = 2kΩ(to VDD/2)
0.10
-
9.80
V
Gain Bandwidth
FT
VDD = 3V
-
550
-
kHz
Slew Rate
SR
VDD = 3V
-
0.50
-
V/μsec
■
ELECTRICAL CHARACTERISTICS
IDD =100μA
Ta = 25℃
XC221A1200
Test Conditions :Unless otherwise stated, VDD = 3.0V, VSS = 0V, VCM = VOUT = VDD / 2, RL = 1MΩ (to VSS), CL = 10pF (to VSS)
Test Conditions :Unless otherwise stated, VDD = 3.0V, VSS = 0V, VCM = VOUT = VDD / 2, RL = 1MΩ (to VSS), CL = 10pF (to VSS)
Ta = 25℃
IDD =15μA
XC221A1100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com