Electronic Components Datasheet Search
  English  ▼

X  

XC2173CD71ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2173CD71ML
Description  ICs for use with Crystal Oscillators (PLL built - in)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD71ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2173CD71ML Datasheet HTML 1Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 2Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 3Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 4Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 5Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 6Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 7Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 8Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
XC2173 Series
ICs for use with Crystal Oscillators (PLL built - in)
PIN
NUMBER
PIN NAME
FUNCTION
1
/INH
Stand-by control*
2
XT
Crystal Oscillator Connection (Input)
3
VSS
GND
4
Q0
Clock Output
5
VDD
Power Supply
6
/XT
Crystal Oscillator Connection
(Output) /Standard Clock Input
/INH
“H” or OPEN
“L (Stand-by)
Q0
Divider / Multiplier Output
High Impedance
■
GENERAL DESCRIPTION
The XC2173 series are high frequency, low power consumption CMOS ICs with built-in crystal oscillator, divider and clock
multiplier PLL circuits. Output is selectable from any one of the following values for f0: f0 x 5, f0 x 6, f0 x 7, f0 x 8, f0/2, f0/4,
f0/8. With an oscillation capacitor & oscillation feedback resistor built-in, a stable oscillator circuit can be put together using
only an external crystal oscillator.
By connecting an external standard clock, the above mentioned output frequencies can be achieved.
■
APPLICATIONS
●
Crystal oscillation modules
●
Computer, DSP clocks
●
Communication equipment
●
Various system clocks
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
* Stand-by control pin has a pull-up resistor built-in.
■
INH, Q0 PIN FUNCTION
"H" = High level
"L" = Low level
■
FEATURES
Oscillation Frequency
: 10MHz ~ 25MHz
Divider Ratio
: f0/2, f0/4, f0/8
Multiplier
: f0 x 5, f0 x 6, f0 x 7, f0 x 8
Output
: 3-State
Operating Voltage Range
: 3.3V ±10% and 5.0V ±10%
Small Consumption Current: Stand-by function included*
* Oscillation continues in stand-by
CMOS
Output Frequency
: 80MHz ~ 160MHz (5.0V)
: 50MHz ~ 125MHz (3.3V)
Divider Circuit & PLL Circuit Built-In
Oscillation Capacitor & Oscillation Feedback Resistor Built-In
Ultra Small Package
: SOT-26
ETR1504_001


Similar Part No. - XC2173CD71ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173CD71ML TOREX-XC2173CD71ML Datasheet
160Kb / 8P
ICs for use with Crystal Oscillators (PLL built-in)
More results

Similar Description - XC2173CD71ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
ICs for use with Crystal Oscillators
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
ICs for use with Crystal Oscillators (PLL built-in)
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
ICs for use with Crystal Oscillators
XC2173 TOREX-XC2173_12 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com