Electronic Components Datasheet Search
  English  ▼

X  

XC2173CD71ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2173CD71ML
Description  ICs for use with Crystal Oscillators (PLL built - in)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD71ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC2173CD71ML Datasheet HTML 2Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 3Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 4Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 5Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 6Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 7Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 8Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 9Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 10Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
XC2173 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.97
3.30
3.63
V
'H' Level Input Voltage
VIH
2.4
-
-
V
'L' Level Input Voltage
VIL
-
-
0.4
V
'H' Level Output Voltage
VOH
CMOS: VDD=2.97V, IOH=-8mA
2.47
-
-
V
'L' Level Output Voltage
VOL
CMOS: VDD=2.97V, IOL=8mA
-
-
0.4
V
Supply Current 1
IDD1
/INH="OPEN", CL=15pF, f=50MHz
-
7
-
mA
Supply Current 2
IDD2
/INH="L", CL=15pF, f=50MHz
-
1
-
mA
Input Pull-Up Resistance 1
Rup1
/INH="L"
1.0
2.0
4.0
MΩ
Input Pull-Up Resistance 2
Rup2
/INH=0.7VDD
35
70
140
kΩ
Cg
(*3)
-
13
-
pF
Internal Oscillation Capacitance
Cd
(*3)
-
13
-
pF
Internal Oscillation Feedback
Resistance
Rf
0.3
1.0
2.0
MΩ
Output Off Leak Current
IOZ
/INH="L"
-
-
10
μ
A
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
4.5
5.0
5.5
V
'H' Level Input Voltage
VIH
2.4
-
-
V
'L' Level Input Voltage
VIL
-
-
0.4
V
'H' Level Output Voltage
VOH
CMOS: VDD=4.5V, IOH=-16mA
3.9
4.2
-
V
'L' Level Output Voltage
VOL
CMOS: VDD=4.5V, IOL=16mA
-
0.3
0.4
V
Supply Current 1
IDD1
/INH="OPEN", CL=15pF, f=100MHz
-
23
-
mA
Supply Current 2
IDD2
/INH="L", CL=15pF, f=100MHz
-
5
-
mA
Input Pull-Up Resistance 1
Rup1
/INH="L"
0.5
1.0
2.0
MΩ
Input Pull-Up Resistance 2
Rup2
/INH=0.7VDD
25
50
100
kΩ
Cg
(*3)
-
13
-
pF
Internal Oscillation Capacitance
Cd
(*3)
-
13
-
pF
Internal Oscillation Feedback
Resistance
Rf
100
240
400
kΩ
Output Off Leak Current
IOZ
/INH="L"
-
-
10
μ
A
3.3V, f0 x 5 multiplier (*1)
Ta=25℃
5.0V, f0 x 5 multiplier (*2)
Ta=25℃
*1: Output frequency range is 50 MHz to 125MHz with a multiplier of f0 x 5 at 3.3V
*2: Output frequency range is 80 MHz to 125MHz with a multiplier of f0 x 5 at 5.0V
*3: R&D value
■
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com