Electronic Components Datasheet Search
  English  ▼

X  

XC2173CD71ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2173CD71ML
Description  ICs for use with Crystal Oscillators (PLL built - in)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD71ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2173CD71ML Datasheet HTML 1Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 2Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 3Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 4Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 5Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 6Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 7Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 8Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
XC2173 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Duty Level
C
: CMOS (VDD/2)
M
: Multiplier output
②
Output Capacity
D
: Divider output
2
: f0 / 2
4
: f0 / 4
5
: f0 x 5
6
: f0 x 6
7
: f0 x 7
③
Multiplier or Divider Ratio
8
: f0 / 8 & f0 x 8
④
Input Oscillation Frequency
1
: 10MHz ~ 25MHz
⑤
Package
M
: SOT-26
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VDD
VSS-0.3~VSS+7.0
V
Input Voltage
VIN
VSS-0.3~VDD+0.3
V
Power Dissipation
Pd
250 (*)
mW
Operating Temperature
Range
Topr
-40~+85
℃
Storage Temperature
Range
Tstg
-55~+125
℃
■
PRODUCT CLASSIFICATION
●
Ordering Information
■
BLOCK DIAGRAM
■
ABSOLUTE MAXIMUM RATINGS
* When measured on a glass epoxy PCB
XC2173①②③④⑤⑥



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com