Electronic Components Datasheet Search
  English  ▼

X  

XC62KN2101TB Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62KN2101TB
Description  Negative Voltage Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN2101TB Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62KN2101TB Datasheet HTML 1Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 2Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 3Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 4Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 5Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 6Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 7Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 8Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
XC62K Series
Negative Voltage Regulators
■
GENERAL DESCRIPTION
The XC62K series are highly precise, low power consumption, negative voltage regulators, manufactured using CMOS and
laser trimming technologies. The series achieves high output currents with small input-output voltage differentials, and
consists of a high precision voltage reference, an error correction circuit, and an output driver with current limitation.
SOT-23 (150mW), SOT-89 (500mW), USP-6B (100mW) and TO-92 (300mW) packages are available.
■
APPLICATIONS
●
Battery powered equipment
●
Portable & cellular phones
●
Various portable equipment
●
Power supply for GaAs applications
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
Dropout Voltage
: 0.12V@50mA (VOUT=-5.0V)
: 0.38V@100mA
Maximum Output Current : 100mA (within MAX. power
dissipation, VOUT= -5.0V)
Output Voltage Range : -2.1V ~ -6.0V in 100mV increments
-5.0, -4.0, -3.0V, -2.5V standard
(All other voltages are semi-custom)
Highly Accurate
: Setting output voltage ±2%
(±1% for semi-custom products)
Low Power Consumption : 3.0μA @ VOUT= -5.0V (TYP.)
Output Voltage Temperature Characteristics
: ±100ppm/℃ (TYP.)
Line Regulation
: 0.1%/V (TYP.)
CMOS Low Power Consumption
Ultra Small Packages : SOT-23 (150mW) mini-mold,
SOT-89 (500mW) mini-power mold
TO-92 (300mW)
USP-6B (100mV)
■
TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0313_001


Similar Part No. - XC62KN2101TB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN211DB TOREX-XC62KN211DB Datasheet
1Mb / 14P
Negative Voltage Regulaters
XC62KN211DH TOREX-XC62KN211DH Datasheet
1Mb / 14P
Negative Voltage Regulaters
XC62KN211DL TOREX-XC62KN211DL Datasheet
1Mb / 14P
Negative Voltage Regulaters
XC62KN211DR TOREX-XC62KN211DR Datasheet
1Mb / 14P
Negative Voltage Regulaters
XC62KN211LB TOREX-XC62KN211LB Datasheet
1Mb / 14P
Negative Voltage Regulaters
More results

Similar Description - XC62KN2101TB

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
NEGATIVE-VOLTAGE REGULATORS
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com