Electronic Components Datasheet Search
  English  ▼

X  

XC62KN2101TB Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62KN2101TB
Description  Negative Voltage Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN2101TB Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62KN2101TB Datasheet HTML 1Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 2Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 3Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 4Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 5Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 6Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 7Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 8Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
XC62K Series
NOTE:
*1: VOUT(T)=Specified output voltage
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T) -1.0V" is provided at the VIN pin while maintaining a certain IOUT
value).
*3: Vdif = {VIN1 - VOUT1}
*4: VOUT1 =A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T) -1.0V} is input.
*5: VIN1=The input voltage when a voltage equal to 98% of VOUT(E) appears. (Input voltage is gradually decreased.)
*6: IOUTMAX=Please ensure that output current is within the values given for power dissipation.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage (*2)
VOUT(E)
IOUT=20mA
VIN=-6.0V
x 0.98
-4.90
VOUT(T)
-5.00
x 1.02
-5.10
V
2
Maximum Output Current
IOUT max
VIN=-6.0V, VOUT(E)≧-4.5V
100
-
-
mA
4
Load Regulation
△
VOUT
VIN=6.0V
1mA≦IOUT≦50mA
-
40
80
mV
4
IOUT=50mA
-
120
300
Dropout Voltage (*3)
Vdif
IOUT=100mA
-
380
600
mV
3
Supply Current
ISS
VIN=-6.0V
-
3.0
7.0
μ
A
1
Line Regulation
△
VOUT
△
VIN・VOUT
IOUT=20mA
-6.0V≦VIN≦-10.0V
-
0.1
0.3
%V
3
Input Voltage
VIN
-
-
-
-10.0
V
-
Output Voltage
Temperature Characteristics
△
VOUT
△
VIN・VOUT
IOUT=20mA
-30℃≦Topr≦80℃
-
±
100
-
ppm/
℃
-
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage (*2)
VOUT(E)
IOUT=20mA
VIN=-5.0V
x 0.98
-3.92
VOUT(T)
-4.00
x 1.02
-4.08
V
2
Maximum Output Current
IOUT max
VIN=-5.0V, VOUT(E)≧-3.6V
80
-
-
mA
4
Load Regulation
△
VOUT
VIN=-5.0V
1mA≦IOUT≦45mA
-
40
80
mV
4
IOUT=45mA
-
120
300
Dropout Voltage (*3)
Vdif
IOUT=90mA
-
380
600
mV
3
Supply Current
ISS
VIN=-5.0V
-
3.0
6.5
μ
A
1
Line Regulation
△
VOUT
△
VIN・VOUT
IOUT=20mA
-5.0V≦VIN≦-10.0V
-
0.1
0.3
%V
3
Input Voltage
VIN
-
-
-
-10.0
V
-
Output Voltage
Temperature Characteristics
△
VOUT
△
VIN・VOUT
IOUT=20mA
-30℃≦Topr≦80℃
-
±
100
-
ppm/
℃
-
XC62KN5002
VOUT(T)=-5.0V
Ta=25℃
■
ELECTRICAL CHARACTERISTICS
XC62KN4002
VOUT(T)=-4.0V
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com