Electronic Components Datasheet Search
  English  ▼

X  

XC62KN2101TB Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62KN2101TB
Description  Negative Voltage Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN2101TB Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62KN2101TB Datasheet HTML 1Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 2Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 3Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 4Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 5Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 6Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 7Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 8Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
XC62K Series
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
①
Polarity of Output Voltage
N
: Negative
② ③
Output Voltage
21 ~ 60
:e.g. VOUT – 2.1V → ②=2, ③=1
VOUT – 6.0V → ②=6, ③=0
④
Temperature Characteristics
0
: + 100ppm (TYP.)
1
: + 1% (Semi-custom)
⑤
Output Voltage Accuracy
2
: + 2%
M
: SOT-23
P
: SOT-89
T
: TO-92 (Standard)
L
: TO-92 (Custom pin configuration)
⑥
Package
D
: USP-6B
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper type (TO-92)
⑦
Device Orientation
B
: Bag (TO-92)
PIN NUMBER
SOT-23
SOT-89/TO-92 (T)
TO-92 (L)
USP-6B
PIN NAME
FUNCTION
2
3
3
6
-VIN
Power Supply Input
3
2
1
4
VSS
Ground
1
1
2
2
-VOUT
Output
―
―
―
1.3.5
NC
No Connection
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC62K①②③④⑤⑥⑦
-VOUT VSS -VIN(T Type)
VSS –VOUT –VIN (L Type)
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VSS pin.
TO-92
(TOP VIEW)
NC
NC
NC
-VIN
VSS
-VOUAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com