Electronic Components Datasheet Search
  English  ▼

X  

SN54HC08 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54HC08
Description  SN74HC08-Q1 Automotive Quadruple 2-Input AND Gates
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC08 Datasheet(HTML) 2 Page - Texas Instruments

  SN54HC08 Datasheet HTML 1Page - Texas Instruments SN54HC08 Datasheet HTML 2Page - Texas Instruments SN54HC08 Datasheet HTML 3Page - Texas Instruments SN54HC08 Datasheet HTML 4Page - Texas Instruments SN54HC08 Datasheet HTML 5Page - Texas Instruments SN54HC08 Datasheet HTML 6Page - Texas Instruments SN54HC08 Datasheet HTML 7Page - Texas Instruments SN54HC08 Datasheet HTML 8Page - Texas Instruments SN54HC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
SN74HC08-Q1
SCLS576D – MARCH 2004 – REVISED APRIL 2020
www.ti.com
Product Folder Links: SN74HC08-Q1
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 5
6.7
Operating Characteristics.......................................... 5
6.8
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 6
8
Detailed Description .............................................. 7
8.1
Overview ................................................................... 7
8.2
Functional Block Diagram ......................................... 7
8.3
Feature Description................................................... 7
8.4
Device Functional Modes.......................................... 8
9
Application and Implementation .......................... 9
9.1
Application Information.............................................. 9
9.2
Typical Application .................................................... 9
10
Power Supply Recommendations ..................... 12
11
Layout................................................................... 12
11.1
Layout Guidelines ................................................. 12
11.2
Layout Example .................................................... 12
12
Device and Documentation Support ................. 13
12.1
Documentation Support ........................................ 13
12.2
Related Links ........................................................ 13
12.3
Community Resources.......................................... 13
12.4
Trademarks ........................................................... 13
12.5
Electrostatic Discharge Caution ............................ 13
12.6
Glossary ................................................................ 13
13
Mechanical, Packaging, and Orderable
Information ........................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (February 2008) to Revision D
Page
•
Updated to new data sheet standards.................................................................................................................................... 1
•
Removed mentions of D package from datasheet as the package is no longer available. ................................................... 1
•
Deleted Q version of device from Electrical Specifications as it is no longer available ......................................................... 4
•
Changed RθJA for PW package from 113 °C/W to 151.7 °C/W .............................................................................................. 4
•
Changed RθJA for D package from 86 °C/W to 133.6 °C/W ................................................................................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com