Electronic Components Datasheet Search
  English  ▼

X  

SN54HC08 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54HC08
Description  SN74HC08-Q1 Automotive Quadruple 2-Input AND Gates
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC08 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC08 Datasheet HTML 1Page - Texas Instruments SN54HC08 Datasheet HTML 2Page - Texas Instruments SN54HC08 Datasheet HTML 3Page - Texas Instruments SN54HC08 Datasheet HTML 4Page - Texas Instruments SN54HC08 Datasheet HTML 5Page - Texas Instruments SN54HC08 Datasheet HTML 6Page - Texas Instruments SN54HC08 Datasheet HTML 7Page - Texas Instruments SN54HC08 Datasheet HTML 8Page - Texas Instruments SN54HC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
SN74HC08-Q1
www.ti.com
SCLS576D – MARCH 2004 – REVISED APRIL 2020
Product Folder Links: SN74HC08-Q1
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
-40°C to 85°C
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level output
voltage
VI = VIH or VIL
IOH = -20 µA
2 V
1.9
1.998
1.9
V
4.5 V
4.4
4.499
4.4
6 V
5.9
5.999
5.9
IOH = -4 mA
4.5 V
3.98
4.3
3.84
IOH = -5.2 mA
6 V
5.48
5.8
5.34
VOL
Low-level output
voltage
VI = VIH or VIL
IOL = 20 µA
2 V
0.002
0.1
0.1
V
4.5 V
0.001
0.1
0.1
6 V
0.001
0.1
0.1
IOL = 4 mA
4.5 V
0.17
0.26
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.33
II
Input leakage
current
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
ICC
Supply current
VI = VCC or 0
IO = 0
6 V
2
20
µA
Ci
Input
capacitance
2 V to 6 V
3
10
10
pF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
A or B
Y
2 V
50
100
125
ns
4.5 V
10
20
25
6 V
8
17
21
tt
Transition-time
Y
2 V
38
75
95
ns
4.5 V
8
15
19
6 V
6
13
16
6.7 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cpd
Power dissipation capacitance per gate
No load
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com