Electronic Components Datasheet Search
  English  ▼

X  

SN54HC08 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC08
Description  SN74HC08-Q1 Automotive Quadruple 2-Input AND Gates
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC08 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC08 Datasheet HTML 1Page - Texas Instruments SN54HC08 Datasheet HTML 2Page - Texas Instruments SN54HC08 Datasheet HTML 3Page - Texas Instruments SN54HC08 Datasheet HTML 4Page - Texas Instruments SN54HC08 Datasheet HTML 5Page - Texas Instruments SN54HC08 Datasheet HTML 6Page - Texas Instruments SN54HC08 Datasheet HTML 7Page - Texas Instruments SN54HC08 Datasheet HTML 8Page - Texas Instruments SN54HC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
V
CC
3Y
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HC08-Q1
SCLS576D – MARCH 2004 – REVISED APRIL 2020
SN74HC08-Q1 Automotive Quadruple 2-Input AND Gates
1
1 Features
1
•
AEC-Q100 Qualified for automotive applications:
–
Device temperature grade 1:
–40°C to +125°C, TA
•
Buffered inputs
•
Positive and negative input clamp diodes
•
Wide operating voltage range: 2 V to 6 V
•
Supports fanout up to 10 LSTTL loads
•
Significant power reduction compared to LSTTL
logic ICs
2 Applications
•
Combining power good signals
•
Enable digital signals
3 Description
This device contains four independent 2-input AND
gates. Each gate performs the Boolean function
Y = A
● B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC08QDRQ1
SOIC (14)
8.70 mm × 3.90 mm
SN74HC08QPWRQ1
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional pinout of the SN74HC08-Q1


Similar Part No. - SN54HC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
568Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI1-SN54HC08 Datasheet
1Mb / 29P
SNx4HC08 Quadruple 2-Input Positive-AND Gates
SN54HC08-DIE TI1-SN54HC08-DIE Datasheet
75Kb / 5P
RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08-DIE TI2-SN54HC08-DIE Datasheet
139Kb / 6P
RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
JUNE 2013
More results

Similar Description - SN54HC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS08-Q1 TI-SN74HCS08-Q1_V02 Datasheet
1Mb / 27P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V03 Datasheet
2Mb / 31P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
SN74LV4T08-Q1 TI-SN74LV4T08-Q1 Datasheet
859Kb / 22P
SN74LV4T08-Q1 Automotive Quadruple 2-Input Positive-AND Gates With Integrated Translation
DECEMBER 2022
SN74AHCT08Q-Q1 TI-SN74AHCT08Q-Q1_V01 Datasheet
1Mb / 20P
SN74AHCT08Q-Q1 Automotive Quadruple 2-Input Positive-AND Gates
REVISED DECEMBER 2022
SN74LV4T08-Q1 TI-SN74LV4T08-Q1_V01 Datasheet
924Kb / 21P
SN74LV4T08-Q1 Automotive Quadruple 2-Input Positive-AND Gates With Integrated Translation
REVISED MARCH 2023
SN74AHCT00Q-Q1 TI-SN74AHCT00Q-Q1_V01 Datasheet
1Mb / 25P
SN74AHCT00Q-Q1 Automotive Quadruple 2-Input Positive-NAND Gates
REVISED MAY 2023
SN74AHCT08Q-Q1 TI-SN74AHCT08Q-Q1_V02 Datasheet
1Mb / 23P
SN74AHCT08Q-Q1 Automotive Quadruple 2-Input Positive-AND Gates
REVISED MAY 2023
SN74LV4T08-Q1 TI-SN74LV4T08-Q1_V02 Datasheet
968Kb / 23P
SN74LV4T08-Q1 Automotive Quadruple 2-Input Positive-AND Gates With Integrated Translation
REVISED APRIL 2023
SN74AHC02-Q1 TI-SN74AHC02-Q1_V01 Datasheet
1Mb / 21P
SN74AHC02-Q1 Automotive Quadruple 2-Input Positive-NOR Gates
REVISED JUNE 2023
SN74AHCT02-Q1 TI1-SN74AHCT02-Q1 Datasheet
1Mb / 21P
SN74AHCT02-Q1 Automotive Quadruple 2-Input Positive-NOR Gates
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com