Electronic Components Datasheet Search
  English  ▼

X  

SFH9240 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH9240
Description  Reflective Interrupter with Schmitt-Trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9240 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH9240 Datasheet HTML 1Page - OSRAM GmbH SFH9240 Datasheet HTML 2Page - OSRAM GmbH SFH9240 Datasheet HTML 3Page - OSRAM GmbH SFH9240 Datasheet HTML 4Page - OSRAM GmbH SFH9240 Datasheet HTML 5Page - OSRAM GmbH SFH9240 Datasheet HTML 6Page - OSRAM GmbH SFH9240 Datasheet HTML 7Page - OSRAM GmbH SFH9240 Datasheet HTML 8Page - OSRAM GmbH SFH9240 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH 9240
2007-04-02
3
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs diode)
Durchlassspannung
Forward voltage
I
F = 50 mA
V
F
1.25 (
≤ 1.65)
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
μA
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
O
25
pF
Wärmewiderstand (Montage auf PC-Board mit
> 5 mm
2 Padgröße)
Thermal resistance (mounting on pcb with > 5 mm
2
pad size)
R
thJA
270
K/W
Empfänger (Schmitt-Trigger IC) (wenn nicht anders angegeben,
V
CC = 5 V)
Detector (Schmitt-Trigger IC) (unless otherwise specified,
V
CC = 5 V)
Ausgangsspannung „high“
Output voltage “high”
I
O = 0
V
OH
V
CC (> 4.0)
V
Ausgangsspannung „low“
Output voltage “low”
I
O = 16 mA
V
OL
0.15 (< 0.4)
V
Stromaufnahme
Supply current
V
CC = 5 V
V
CC = 18 V
I
CC
3.3 (< 5)
5.0
mA
Anstiegszeit 10% bis 90%
Rise time 10% to 90%
R
L = 280 Ω, IF = 20 mA
t
r
20
ns
Abfallzeit 90% bis 10%
Fall time 90% to 10%
R
L = 280 Ω, IF = 20 mA
t
f
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com