Electronic Components Datasheet Search
  English  ▼

X  

SFH9240 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH9240
Description  Reflective Interrupter with Schmitt-Trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9240 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH9240 Datasheet HTML 1Page - OSRAM GmbH SFH9240 Datasheet HTML 2Page - OSRAM GmbH SFH9240 Datasheet HTML 3Page - OSRAM GmbH SFH9240 Datasheet HTML 4Page - OSRAM GmbH SFH9240 Datasheet HTML 5Page - OSRAM GmbH SFH9240 Datasheet HTML 6Page - OSRAM GmbH SFH9240 Datasheet HTML 7Page - OSRAM GmbH SFH9240 Datasheet HTML 8Page - OSRAM GmbH SFH9240 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH 9240
2007-04-02
5
Figure 1
Block Diagram
Figure 2
Test Circuit for Switching and Response Time
Figure 3
Switching Time Definitions
OHF03902
+
-
Regulator
Voltage
GND
OUT
CC
V
Ω
10 k
Active "Low"
Cathode
Anode
OHF00520
CC
V
OUT
GND
R = 47
Ω
Input
L
R = 280
Ω
μF
C = 0.1
CC
V
OUT
GND
= 5 V
SFH 9240
OHF03903
PHL
t
t
PLH
50%
t
f
t
r
50%
90%
10%
Input
Output
SFH 9240 (Active "Low")



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com