Electronic Components Datasheet Search
  English  ▼

X  

SFH9240 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH9240
Description  Reflective Interrupter with Schmitt-Trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9240 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH9240 Datasheet HTML 1Page - OSRAM GmbH SFH9240 Datasheet HTML 2Page - OSRAM GmbH SFH9240 Datasheet HTML 3Page - OSRAM GmbH SFH9240 Datasheet HTML 4Page - OSRAM GmbH SFH9240 Datasheet HTML 5Page - OSRAM GmbH SFH9240 Datasheet HTML 6Page - OSRAM GmbH SFH9240 Datasheet HTML 7Page - OSRAM GmbH SFH9240 Datasheet HTML 8Page - OSRAM GmbH SFH9240 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2007-04-02
4
SFH 9240
Zur Stabilisierung der Versorgung wird ein Stützkondensator (angeschlossen zwischen
V
CC und GND) von typ. 0.1 μF
empfohlen.
A bypass capacitor, 0.1
μF typical, connected between V
CC and GND is recommended in order to stabilize power supply
line.
Ausgangsverzögerungszeit
Propagation delay time ”ON”
R
L = 280 Ω, IF = 20 mA
t
ON
1
μs
Ausgangsverzögerungszeit
Propagation delay time “OFF”
R
L = 280 Ω, IF = 20 mA
t
OFF
2
μs
Reflexlichtschranke
Light Reflection Switch
Schaltschwelle
Threshold current, Kodak neutral white test card
with 90% reflection
V
CC = 5 V, d = 1 mm
I
F, ON
3 (< 10)
mA
Hysterese
Hysteresis
I
F, OFF / IF, ON
0.6
(0.5 … 0.9)
–
Zulässiger Arbeitsbereich
Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Versorgungsspannung
Supply voltage
V
CC
4 … 18
V
Ausgangsstrom
Output current
I
O
< 16
mA
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
OHM02257
d
Reflector
with 90% reflexion
(Kodak neutral white
test card)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com