Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 69Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 70Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 71Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 72Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 73Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 74Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 75Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 76Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
DocID15818 Rev 15
73/184
STM32F20xxx
Electrical characteristics
183
VDD
Standard operating voltage
-
1.8(1)
3.6
V
VDDA(2)
Analog operating voltage
(ADC limited to 1 M samples)
Must be the same potential as VDD(3)
1.8(1)
3.6
Analog operating voltage
(ADC limited to 2 M samples)
2.4
3.6
VBAT
Backup operating voltage
-
1.65
3.6
VIN
Input voltage on RST and FT pins
2 V ≤ VDD ≤ 3.6 V
–0.3
5.5
1.7 V ≤ VDD ≤ 2 V
–0.3
5.2
Input voltage on TTa pins
-
–0.3
VDD+0.3
Input voltage on BOOT0 pin
-
0
9
VCAP1
Internal core voltage to be supplied
externally in REGOFF mode
-1.1
1.3
VCAP2
PD
Power dissipation at TA = 85 °C for
suffix 6 or TA = 105 °C for suffix 7(4)
LQFP64
-
444
mW
WLCSP64+2
-
392
LQFP100
-
434
LQFP144
-
500
LQFP176
-
526
UFBGA176
-
513
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
–40
85
°C
Low-power dissipation(5)
–40
105
Ambient temperature for 7 suffix
version
Maximum power dissipation
–40
105
°C
Low-power dissipation(5)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125
1. On devices in WLCSP64+2 package, if IRROFF is set to VDD, the supply voltage can drop to 1.7 V when the device
operates in the 0 to 70 °C temperature range using an external power supply supervisor (see Section 3.16).
2. When the ADC is used, refer to Table 66: ADC characteristics.
3. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and power-down operation.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax.
Table 14. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com