Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 82Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 83Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 84Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 85Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 86Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 87Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 88Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 89Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 184 page
background image
Electrical characteristics
STM32F20xxx
86/184
DocID15818 Rev 15
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 26. The MCU is placed
under the following conditions:
•
At startup, all I/O pins are configured as analog inputs by firmware.
•
All peripherals are disabled unless otherwise mentioned
•
The given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with one peripheral clocked on (with only the clock applied)
•
The code is running from Flash memory and the Flash memory access time is equal to
3 wait states at 120 MHz
•
Prefetch and Cache ON
•
When the peripherals are enabled, HCLK = 120MHz, fPCLK1 = fHCLK/4, and
fPCLK2 = fHCLK/2
•
The typical values are obtained for VDD = 3.3 V and TA= 25 °C, unless otherwise
specified.
Table 24. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
TA = 25 °C
TA = 85 °C TA = 105 °C
VDD =
1.8 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.6 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM ON, low-speed
oscillator and RTC ON
3.0
3.4
4.0
15.1
25.8
µA
Backup SRAM OFF, low-
speed oscillator and RTC ON
2.4
2.7
3.3
12.4
20.5
Backup SRAM ON, RTC OFF
2.4
2.6
3.0
12.5
24.8
Backup SRAM OFF, RTC OFF
1.7
1.9
2.2
9.8
19.2
1. Guaranteed by characterization results, not tested in production.
Table 25. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
TA = 25 °C
TA = 85 °C TA = 105 °C
VDD =
1.8 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.6 V
IDD_VBAT
Backup
domain supply
current
Backup SRAM ON, low-speed
oscillator and RTC ON
1.29
1.42
1.68
12
19
µA
Backup SRAM OFF, low-speed
oscillator and RTC ON
0.62
0.73
0.96
8
10
Backup SRAM ON, RTC OFF
0.79
0.81
0.86
9
16
Backup SRAM OFF, RTC OFF
0.10
0.10
0.10
5
7
1. Guaranteed by characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com