Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 76Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 77Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 78Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 79Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 80Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 81Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 82Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 83Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 184 page
background image
Electrical characteristics
STM32F20xxx
80/184
DocID15818 Rev 15
Table 21. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator disabled)
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
TA = 25 °C TA = 85 °C TA = 105 °C
IDD
Supply current
in Run mode
External clock(2), all
peripherals enabled(3)
120 MHz
61
81
93
mA
90 MHz
48
68
80
60 MHz
33
53
65
30 MHz
18
38
50
25 MHz
14
34
46
16 MHz(4)
10
30
42
8 MHz
6
26
38
4 MHz
4
24
36
2 MHz
3
23
35
External clock(2), all
peripherals disabled
120 MHz
33
54
66
90 MHz
27
47
59
60 MHz
19
39
51
30 MHz
11
31
43
25 MHz
8
28
41
16 MHz(4)
626
38
8 MHz
4
24
36
4 MHz
3
23
35
2 MHz
2
23
34
1. Guaranteed by characterization results, tested in production at VDD max and fHCLK max with peripherals enabled.
2. External clock is 4 MHz and PLL is on when fHCLK > 25 MHz.
3. When the ADC is on (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC for
the analog part.
4. In this case HCLK = system clock/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com