Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 104Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 105Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 106Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 107Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 108Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 109Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 110Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 111Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
Electrical characteristics
STM32F20xxx
108/184
DocID15818 Rev 15
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 39 and
Table 48, respectively.
Unless otherwise specified, the parameters given in Table 48 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 14.
Table 47. Output voltage characteristics(1)
1. PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited
amount of current (3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed
should not exceed 2 MHz with a maximum load of 30 pF and these I/Os must not be used as a current
source (e.g. to drive an LED).
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(2)
2. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 12
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
CMOS ports
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 12 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
VDD–0.4
-
VOL (2)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
TTL ports
IIO =+ 8mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH (3)
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
2.4
-
VOL(2)(4)
4. Guaranteed by characterization results, not tested in production.
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
IIO = +20 mA
2.7 V < VDD < 3.6 V
-1.3
V
VOH(3)(4)
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
VDD–1.3
-
VOL(2)(4)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
IIO = +6 mA
2 V < VDD < 2.7 V
-0.4
V
VOH(3)(4)
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
VDD–0.4
-
Table 48. I/O AC characteristics(1)
OSPEEDRy
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
00
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD > 2.70 V
-
-
4
MHz
CL = 50 pF, VDD > 1.8 V
-
-
2
CL = 10 pF, VDD > 2.70 V
-
-
8
CL = 10 pF, VDD > 1.8 V
-
-
4
tf(IO)out/
tr(IO)out
Output high to low level fall
time and output low to high
level rise time
CL = 50 pF, VDD = 1.8 V to
3.6 V
-
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com