Electronic Components Datasheet Search
  English  ▼

X  

ICM7521 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7521
Description  12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7521 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7521 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICM7561/7541/7521
Rev. A6
ICmic reserves the right to change specifications without prior notice
2
PACKAGE
08 Lead MSOP
VO
1
8
VDD
NC
2
7
GND
CS
3
6
REFIN
SCK
4
5
SDI
TOP VIEW
PIN DESCRIPTION (8 Lead MSOP)
Pin
Name
I/O
Description
1
VO
O
DAC Output Voltage
2
NC
-
No Connection
3
CS
I
Active Low Chip Select (CMOS)
4
SCK
I
Serial Clock Input (CMOS)
5
SDI
I
Serial Data Input (CMOS)
6
REFIN
I
Reference Voltage Input
7
GND
I
Ground
8
VDD
I
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com