Electronic Components Datasheet Search
  English  ▼

X  

ICM7521 Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # ICM7521
Description  12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7521 Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  ICM7521 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICM7561/7541/7521
Rev. A6
ICmic reserves the right to change specifications without prior notice
4
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Vout
Output Voltage Range
(Note 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
Rout
Output Impedance
Power-Down at 1 K Ohm
0.9
1
1.1
K
Power-Down at 100 K Ohm
90
100
110
K
Output Line Regulation
VDD=2.7V to 5.5V
-3.0
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
2.4
V
VIL
Digital Input Low
(Note 2)
0.8
V
Digital Input Leakage
5
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SR
Slew Rate
2
V/ s
Settling Time
8
s
Mid-scale Transition Glitch
Energy
40
nV-S
Note 1:
Linearity is defined from code 110 to 3990 (ICM7561)
Linearity is defined from code 16 to 1023 (ICM7541)
Linearity is defined from code 4 to 255 (ICM7521)
Note 2:
Guaranteed by design; not tested in production
Note 3:
See Applications Information
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V, all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
t1
SCK Cycle Time
(Note 2)
30
ns
t2
Data Setup Time
(Note 2)
10
ns
t3
Data Hold Time
(Note 2)
10
ns
t4
SCK Falling edge to
CS Rising
Edge
(Note 2)
0
ns
t5
CS Falling Edge to SCK Rising Edge
(Note 2)
15
ns
t6
Pulse Width
CS
(Note 2)
20
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com