Electronic Components Datasheet Search
  English  ▼

X  

ICM7521 Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # ICM7521
Description  12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7521 Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  ICM7521 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7521 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICM7561/7541/7521
Rev. A6
ICmic reserves the right to change specifications without prior notice
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
IIN
Input Current
+/- 25.0
mA
VIN_
Digital Input Voltage (SCK, SDI , CLR , CS )
-0.3 to 7.0
V
VIN_REF
Reference Input Voltage
-0.3 to 7.0
V
TSTG
Storage Temperature
-65 to +150
oC
TSOL
Soldering Temperature
300
oC
Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
ORDERING INFORMATION
Part
Operating Temperature Range
Package
ICM7561
-40 oC to 85 oC
08-Lead MSOP
ICM7541
-40 oC to 85 oC
08-Lead MSOP
ICM7521
-40 oC to 85 oC
08-Lead MSOP
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
ICM7561
N
Resolution
12
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.4
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
4.0
+12.0
LSB
ICM7541
N
Resolution
10
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.1
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
1.0
+3.0
LSB
ICM7521
N
Resolution
8
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.05
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
0.25
+0.75
LSB
STATIC ACCURACY
GE
Gain Error
+0.5
% of FS
OE
Offset Error
+25
mV
POWER REQUIREMENTS
VDD
Supply Voltage
2.7
5
5.5
V
IDD
Supply Current
Full Scale at VDD=5.5
90
150
A
Full Scale at VDD=3.6
75
100
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com