Electronic Components Datasheet Search
  English  ▼

X  

WA84Z Datasheet(PDF) 1 Page - TT Electronics.

Part # WA84Z
Description  Cement Coated Surface Mount Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA84Z Datasheet(HTML) 1 Page - TT Electronics.

  WA84Z Datasheet HTML 1Page - TT Electronics. WA84Z Datasheet HTML 2Page - TT Electronics. WA84Z Datasheet HTML 3Page - TT Electronics. WA84Z Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
Features
All welded construction
Suitable for automatic pick and place
Excellent pulse handling capability
Fuses safely under fault conditions
Competitive cost
Performance equivalent to 2, 3 & 5W axial resistors
Resistors
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
· All welded construction
· Suitable for automatic pick and place
· Excellent pulse handling capability
· Fuses safely under fault conditions
· Competitive cost
· Performance equivalent to 2, 3 & 5W axial resistors
Dimensions (mm)
Type
L
W
H
l
wd
WA83Z 13.4±0.2
3.6 max
6.25 max
9.0 max
4.5±0.6
0.8 nom
WA84Z 18.7±0.2
5.2 max
6.9 max
14.5 max
6.5±0.6
0.8 nom
WA85Z 18.7±0.2
7.0 max
7.9 max
16.5 max
6.5±0.6
0.8 nom
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
• All welded construction
• Suitable for automatic pick and place
• Excellent pulse handling capability
• Fuses safely under fault conditions
• Competitive cost
• Performance equivalent to 2, 3 & 5W
axial resistors
WA83Z
WA84Z
WA85Z
Power rating at 25˚C
watts
2
3
5
Resistance range
ohms
0R05 to 900R
0R01 to 2K2
0R015 to 6K8
Limiting element voltage
volts
50
100
150
Isolation voltage
volts
250
350
500
TCR
ppm/°C
≤1R0:350 >1R0:200
Resistance tolerance
%
<20R: 5, 10
≥20R: 1, 2, 5, 10
Standard values
E24 series preferred
Ambient temperature range
°C
-55 to 155
Dimensions (mm)
Type
A
B
C
D
WA83Z
5.5
2.5 min
10 max
15 min
WA84Z
7.5 min
2.5 min
15 max
20 min
WA85Z
7.5 min
2.5 min
15 max
20 min
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
Recommended Pad Sizes
Issue G · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
d
H
I
L
W
w
Construction
A high purity ceramic substrate is assembled with interference
fit end caps to which are welded the terminations. The
resistive element is wound on the substrate and welded to
the caps. Flameproof silicone cement coating is applied
prior to marking with indelible ink and lead forming.
D
B
C
A
05.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - WA84Z

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA84Z WELWYN-WA84Z Datasheet
434Kb / 3P
Cement Coated Surface Mount Wirewound Resistors
WA84Z1K5F WELWYN-WA84Z1K5F Datasheet
434Kb / 3P
Cement Coated Surface Mount Wirewound Resistors
WA84Z1K5F WELWYN-WA84Z1K5F Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
WA84Z1K5G WELWYN-WA84Z1K5G Datasheet
434Kb / 3P
Cement Coated Surface Mount Wirewound Resistors
WA84Z1K5G WELWYN-WA84Z1K5G Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
More results

Similar Description - WA84Z

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
WA80 WELWYN-WA80 Datasheet
114Kb / 3P
General Purpose Cement Coated Wirewound Resistors
WA80Z WELWYN-WA80Z Datasheet
434Kb / 3P
Cement Coated Surface Mount Wirewound Resistors
logo
MERITEK ELECTRONICS COR...
SQM MERITEK-SQM Datasheet
222Kb / 6P
Cement Wirewound Resistors (Radial Type)
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
Cement Coated Wirewound Resistors
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
General Purpose Cement Coated Wirewound Resistors
logo
Vishay Siliconix
WSZ VISHAY-WSZ_15 Datasheet
102Kb / 3P
Wirewound Resistors, Surface Mount,Silicone or Cement Coated, High Power
02-Apr-14
WSZ7532 VISHAY-WSZ7532 Datasheet
86Kb / 3P
Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
10-Mar-2020
WSZ6720 VISHAY-WSZ6720 Datasheet
95Kb / 4P
Leaded Wirewound Resistors, Surface Mount, Cement Coated, High Power
16-Jan-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com