Electronic Components Datasheet Search
  English  ▼

X  

WA84Z Datasheet(PDF) 3 Page - TT Electronics.

Part # WA84Z
Description  Cement Coated Surface Mount Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA84Z Datasheet(HTML) 3 Page - TT Electronics.

  WA84Z Datasheet HTML 1Page - TT Electronics. WA84Z Datasheet HTML 2Page - TT Electronics. WA84Z Datasheet HTML 3Page - TT Electronics. WA84Z Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WA80Z Series
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
WA80Z Energy Capability Graph
0.1
1
10
100
0.01
0.1
1
10
100
1000
10000
Value (Ohms)
WA83Z
WA84Z
WA85Z
Graph 2
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue G · 03.06
Welwyn Components
Packaging
WA80Z products are supply on standard carrier tape and
330mm diameter reels suitable for automatic pick and place
machines. Carrier tape dimensions and standard reels
quantities are given below.
Ordering Procedure
Specify type reference, value and tolerance as shown in this
example of WA84Z at 1.5KOhms 5%:
Pulse Handling
The graph below shows the energy handling capability of
WA80Z resistors for single short pulses (<100mS). For longer
pulses of duration up to 5 Seconds, up to 5 times the rated
power may be applied. Note that forced-air cooling and
heatsinking by PCB tracks have no effect on energy ratings.
If higher energy ratings than those shown are needed, it is
normally possible to design a pulse withstand variant.
F
1%
G
2%
J
5%
K
10%
Dimensions (mm)
Quantity
Type
Ao
Bo
Ko
W
P
T
Per reel
WA83Z
5.3
13.9
6.3
24
12
0.4
750
WA84Z
7.3
19.2
7.1
32
12
0.4
750
WA85Z
7.4
19.2
8.2
32
12
0.4
650
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
Type
Value (use IEC 62 code)
Tolerance (use IEC 62 code)
WA84Z
1K5
J
Ao
Ko
24mm / 32mm
ø 13mm
ø 330mm
W
P
Bo
All other dimensions as
per EIA481 standard
05.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Cement Coated Surface
Mount Wirewound Resistors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com