Electronic Components Datasheet Search
  English  ▼

X  

WA84Z Datasheet(PDF) 2 Page - TT Electronics.

Part # WA84Z
Description  Cement Coated Surface Mount Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA84Z Datasheet(HTML) 2 Page - TT Electronics.

  WA84Z Datasheet HTML 1Page - TT Electronics. WA84Z Datasheet HTML 2Page - TT Electronics. WA84Z Datasheet HTML 3Page - TT Electronics. WA84Z Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue G · 03.06
Welwyn Components
Marking
WA83Z and WA84Z resistors R10 and above are marked with
four colour bands in conformance with IEC62. Values
below R10 are marked with three bands (two digits and
tolerance); there is no multiplier band. WA85Z resistors are
legendmarked “WA85” plus resistance value and tolerance in
conformance with IEC62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistor coating will not burn under any condition of
applied temperature or component overload.
WA80Z Thermal Performance
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Power (W)
WA83Z Hot Spot
WA83Z Joint
WA84Z Hot Spot
WA84Z Joint
WA85Z Hot Spot
WA85Z Joint
Graph 1
Performance Data
Temperature Rise
Note: Testing was performed on FR4 test boards measuring 50mm x 50mm, with 1oz/ft2 (300g/m2) copper pads. The track area
close to each pad was 120mm2. If a lower grade of PCB or less track area is used, derating of the power may be necessary.
Maximum
Typical
Load at rated power: 1000hrs @ 25 or 70°C
∆R%
5 +0.001
Ω
3
Dry heat: 1000hrs @ 200°C
∆R%
5 +0.001
Ω
3
Short term overload
∆R%
5 +0.001
Ω
1
Derating from rated power @ 25°C
Zero at 155˚C
Climatic
∆R%
5 +0.001
Ω
2
Climatic category
55/200/56
TRC & Vibration
∆R%
5 +0.001
Ω
1
Robustness & solder heat
∆R%
5 +0.001
Ω
1
Long term damp heat
∆R%
5 +0.001
Ω
1
Temperature rise
See Graph 1
Pulse handling
See Graph 2
Cement Coated Surface
Mount Wirewound Resistors
WA80Z Series
05.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com