Electronic Components Datasheet Search
  English  ▼

X  

SN65472DREP Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65472DREP
Description  DUAL PERIPHERAL DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65472DREP Datasheet(HTML) 5 Page - Texas Instruments

  SN65472DREP Datasheet HTML 1Page - Texas Instruments SN65472DREP Datasheet HTML 2Page - Texas Instruments SN65472DREP Datasheet HTML 3Page - Texas Instruments SN65472DREP Datasheet HTML 4Page - Texas Instruments SN65472DREP Datasheet HTML 5Page - Texas Instruments SN65472DREP Datasheet HTML 6Page - Texas Instruments SN65472DREP Datasheet HTML 7Page - Texas Instruments SN65472DREP Datasheet HTML 8Page - Texas Instruments SN65472DREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1000
10000
100000
1000000
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
Junction Temperature (°C)
Wirebond Voiding Fail Mode
SN65472-EP
www.ti.com
SLRS061 – SEPTEMBER 2013
(1)
See Datasheet for Absolute Maximum and minimum Recommended Operating Conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 1. SN65472-EP Wirebond Life Derating Chart
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65472-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com