Electronic Components Datasheet Search
  English  ▼

X  

SN65472DREP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65472DREP
Description  DUAL PERIPHERAL DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65472DREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65472DREP Datasheet HTML 2Page - Texas Instruments SN65472DREP Datasheet HTML 3Page - Texas Instruments SN65472DREP Datasheet HTML 4Page - Texas Instruments SN65472DREP Datasheet HTML 5Page - Texas Instruments SN65472DREP Datasheet HTML 6Page - Texas Instruments SN65472DREP Datasheet HTML 7Page - Texas Instruments SN65472DREP Datasheet HTML 8Page - Texas Instruments SN65472DREP Datasheet HTML 9Page - Texas Instruments SN65472DREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GND
2.4 V
Input
SUB
Circuit
Under
Test
90%
90%
10%
10%
40 s
µ
3 V
0 V
VOH
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
’472
CL = 15 pF
(see Note B)
Output
VS = 55 V
≤ 5 ns
≤ 10 ns
Input
’472
180 Ω
2 mH
1N3064
5 V
VOL
50%
50%
Pulse
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: PRR ≤ 12.5 kHz, ZO ≈ 50 Ω.
B. CL includes probe and jig capacitance.
GND
Pulse
Generator
(see Note A)
2.4 V
Input
SUB
Circuit
Under
Test
10%
10%
90%
90%
10%
10%
0.5 s
µ
90%
90%
50%
50%
tPHL
tPLH
tTHL
3 V
0 V
VOH
VOL
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
’472
CL = 15 pF
(see Note B)
Output
10 V
RL = 50 Ω
≤ 5 ns
≤ 10 ns
tTLH
Input
’472
50%
50%
NOTES: A. The pulse generator has the following characteristics: PRR ≤ 1 MHz, ZO ≈ 50 Ω.
B. CL includes probe and jig capacitance.
SN65472-EP
SLRS061 – SEPTEMBER 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 2. Switching Times
Figure 3. Latch-Up Test
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN65472-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com