Electronic Components Datasheet Search
  English  ▼

X  

TAS5142 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5142
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5142 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5142 Datasheet HTML 17Page - Texas Instruments TAS5142 Datasheet HTML 18Page - Texas Instruments TAS5142 Datasheet HTML 19Page - Texas Instruments TAS5142 Datasheet HTML 20Page - Texas Instruments TAS5142 Datasheet HTML 21Page - Texas Instruments TAS5142 Datasheet HTML 22Page - Texas Instruments TAS5142 Datasheet HTML 23Page - Texas Instruments TAS5142 Datasheet HTML 24Page - Texas Instruments TAS5142 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
Use
of
TAS5142
in
High-Modulation-Index
ERROR REPORTING
Overcurrent
(OC)
Protection
With
Current
DEVICE PROTECTION SYSTEM
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
Characteristics section of this data sheet). Although
temperature has dropped or the supply voltage has
not specifically required, it is a good practice to hold
increased. For highest possible reliability, recovering
RESET_AB and RESET_CD low during power down,
from an overload fault requires external reset of the
thus preventing audible artifacts including pops or
device (see the Device Reset section of this data
clicks.
sheet) no sooner than 1 second after the shutdown.
When the TAS5142 is being used with TI PWM
modulators
such
as
the
TAS5508,
no
special
Capable Systems
attention to the state of RESET_AB and RESET_CD
This device requires at least 50 ns of low time on the
is required, provided that the chipset is configured as
output per 384-kHz PWM frame rate in order to keep
recommended.
the bootstrap capacitors charged. As an example, if
the modulation index is set to 99.2% in the TAS5508,
this setting allows PWM pulse durations down to 20
The
SD
and
OTW
pins
are
both
active-low,
ns. This signal, which does not meet the 50-ns
open-drain
outputs.
Their
function
is
for
requirement, is sent to the PWM_X pin and this
protection-mode signaling to a PWM controller or
low-state pulse time does not allow the bootstrap
other system-control device.
capacitor to stay charged. In this situation, the low
voltage across the bootstrap capacitor can cause a
Any fault resulting in device shutdown is signaled by
failure of the high-side MOSFET transistor, especially
the SD pin going low. Likewise, OTW goes low when
when driving a low-impedance load. The TAS5142
the device junction temperature exceeds 125
°C (see
device requires limiting the TAS5508 modulation
the following table).
index to 96.1% to keep the bootstrap capacitor
SD
OTW
DESCRIPTION
charged under all signals and loads.
0
0
Overtemperature (OTE) or overload (OLP) or
Therefore, TI strongly recommends using a TI PWM
undervoltage (UVP)
processor, such as TAS5508 or TAS5086, with the
0
1
Overload (OLP) or undervoltage (UVP)
modulation index set at 96.1% to interface with
1
0
Junction temperature higher than 125°C
TAS5142.
(overtemperature warning)
1
1
Junction temperature lower than 125°C and no
OLP or UVP faults (normal operation)
Limiting and Overload Detection
Note that asserting either RESET_AB or RESET_CD
The device has independent, fast-reacting current
low forces the SD signal high, independent of faults
detectors with programmable trip threshold (OC
being present. TI recommends monitoring the OTW
threshold) on all high-side and low-side power-stage
signal
using
the
system
microcontroller
and
FETs. See the following table for OC-adjust resistor
responding to an overtemperature warning signal by,
values. The detector outputs are closely monitored by
e.g., turning down the volume to prevent further
two protection systems. The first protection system
heating of the device resulting in device shutdown
controls the power stage in order to prevent the
(OTE).
output current from further increasing, i.e., it performs
a current-limiting function rather than prematurely
To reduce external component count, an internal
shutting down during combinations of high-level
pullup resistor to 3.3 V is provided on both SD and
music
transients
and
extreme
speaker
load
OTW outputs. Level compliance for 5-V logic can be
impedance
drops.
If
the
high-current
situation
obtained by adding external pullup resistors to 5 V
persists, i.e., the power stage is being overloaded, a
(see the Electrical Characteristics section of this data
second
protection
system
triggers
a
latching
sheet for further specifications).
shutdown, resulting in the power stage being set in
the high-impedance (Hi-Z) state. Current limiting and
overload protection are independent for half-bridges
The TAS5142 contains advanced protection circuitry
A and B and, respectively, C and D. That is, if the
carefully designed to facilitate system integration and
bridge-tied load between half-bridges A and B causes
ease of use, as well as to safeguard the device from
an overload fault, only half-bridges A and B are shut
permanent failure due to a wide range of fault
down.
conditions
such
as
short
circuits,
overload,
•
For the lowest-cost bill of materials in terms of
overtemperature, and undervoltage. The TAS5142
component selection, the OC threshold measure
responds to a fault by immediately setting the power
should be limited, considering the power output
stage in a high-impedance (Hi-Z) state and asserting
requirement
and
minimum
load
impedance.
the SD pin low. In situations other than overload, the
Higher-impedance loads require a lower OC
device
automatically
recovers
when
the
fault
threshold.
condition has been removed, i.e.,
the
junction
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com