Electronic Components Datasheet Search
  English  ▼

X  

TAS5142 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5142
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5142 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5142 Datasheet HTML 8Page - Texas Instruments TAS5142 Datasheet HTML 9Page - Texas Instruments TAS5142 Datasheet HTML 10Page - Texas Instruments TAS5142 Datasheet HTML 11Page - Texas Instruments TAS5142 Datasheet HTML 12Page - Texas Instruments TAS5142 Datasheet HTML 13Page - Texas Instruments TAS5142 Datasheet HTML 14Page - Texas Instruments TAS5142 Datasheet HTML 15Page - Texas Instruments TAS5142 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
PO − Output Power − W
0
5
10
15
20
25
30
35
40
0
20
40
60
80 100 120 140 160 180 200 220
6
Ω
4
Ω
8
Ω
TC = 25°C
G005
TC − Case Temperature − °C
0
10
20
30
40
50
60
70
80
90
100
110
120
130
10
20
30
40
50
60
70
80
90 100 110 120
8
Ω
4
Ω
THD+N @ 10%
6
Ω
G006
f − Frequency − kHz
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2
4
6
8
10
12
14
16
18
20
22
TC = 75°C
G007
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM POWER LOSS
SYSTEM OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com