Electronic Components Datasheet Search
  English  ▼

X  

TAS5142 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5142
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5142 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5142 Datasheet HTML 9Page - Texas Instruments TAS5142 Datasheet HTML 10Page - Texas Instruments TAS5142 Datasheet HTML 11Page - Texas Instruments TAS5142 Datasheet HTML 12Page - Texas Instruments TAS5142 Datasheet HTML 13Page - Texas Instruments TAS5142 Datasheet HTML 14Page - Texas Instruments TAS5142 Datasheet HTML 15Page - Texas Instruments TAS5142 Datasheet HTML 16Page - Texas Instruments TAS5142 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, SE CONFIGURATION
PO − Output Power − W
10
1
0.01
0.1
10
1
TC = 75°C
Digital Gain = 3 dB
3
Ω
4
Ω
50
G008
PVDD − Supply Voltage − V
0
5
10
15
20
25
30
35
40
45
50
0
4
8
12
16
20
24
28
32
4
Ω
TC = 75°C
THD+N @ 10%
3
Ω
G009
TC − Case Temperature − °C
0
5
10
15
20
25
30
35
40
45
50
55
60
10
20
30
40
50
60
70
80
90 100 110 120
4
Ω
THD+N @ 10%
3
Ω
G010
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 8.
Figure 9.
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 10.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com