Electronic Components Datasheet Search
  English  ▼

X  

THS1206IDA Datasheet(PDF) 2 Page - Texas Instruments

Part # THS1206IDA
Description  12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206IDA Datasheet(HTML) 2 Page - Texas Instruments

  THS1206IDA Datasheet HTML 1Page - Texas Instruments THS1206IDA Datasheet HTML 2Page - Texas Instruments THS1206IDA Datasheet HTML 3Page - Texas Instruments THS1206IDA Datasheet HTML 4Page - Texas Instruments THS1206IDA Datasheet HTML 5Page - Texas Instruments THS1206IDA Datasheet HTML 6Page - Texas Instruments THS1206IDA Datasheet HTML 7Page - Texas Instruments THS1206IDA Datasheet HTML 8Page - Texas Instruments THS1206IDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
THS1206
SLAS217H – MAY 1999 – REVISED JULY 2003#
www.ti.com
2
ORDERING INFORMATION
PACKAGED DEVICE
TA
TSSOP
(DA)
0
°C to 70°C
THS1206CDA
–40
°C to 85°C
THS1206IDA
–40
°C to 125°C
THS1206QDA
–55
°C to 125°C
THS1206MDA
These devices have limited built-in ESD protection. The
leads should be shorted together or the device placed in
conductive foam during storage or handling to prevent
electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
THS1206
DGND to DVDD
–0.3 V to 6.5 V
Supply voltage range
BGND to BVDD
–0.3 V to 6.5 V
AGND to AVDD
–0.3 V to 6.5 V
Analog input voltage range
AGND –0.3 V to AVDD + 1.5 V
Reference input voltage
–0.3 V + AGND to AVDD + 0.3 V
Digital input voltage range
–0.3 V to BVDD/DVDD + 0.3 V
Operating virtual junction temperature range, TJ
–55
°C to 150°C
THS1206C
0
°C to 70°C
Operating free air temperature range TA
THS1206I
–40
°C to 85°C
Operating free-air temperature range, TA
THS1206Q
–40
°C to 125°C
THS1206M
–55
°C to 125°C
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com